Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z129Y Datasheet(PDF) 9 Page - STMicroelectronics

Part # M48Z129Y
Description  5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER짰 SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z129Y Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M48Z129Y Datasheet HTML 5Page - STMicroelectronics M48Z129Y Datasheet HTML 6Page - STMicroelectronics M48Z129Y Datasheet HTML 7Page - STMicroelectronics M48Z129Y Datasheet HTML 8Page - STMicroelectronics M48Z129Y Datasheet HTML 9Page - STMicroelectronics M48Z129Y Datasheet HTML 10Page - STMicroelectronics M48Z129Y Datasheet HTML 11Page - STMicroelectronics M48Z129Y Datasheet HTML 12Page - STMicroelectronics M48Z129Y Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
M48Z129Y, M48Z129V
Operation modes
Doc ID 5716 Rev 7
9/20
2.2
WRITE mode
The M48Z129Y/V is in the WRITE mode whenever W (WRITE enable) and E (chip enable)
are active. The start of a WRITE is referenced from the latter occurring falling edge of W or
E. A WRITE is terminated by the earlier rising edge of W or E. The addresses must be held
valid throughout the cycle. E or W must return high for a minimum of tEHAX from chip enable
or tWHAX from WRITE enable prior to the initiation of another READ or WRITE cycle. Data-in
must be valid tDVWH prior to the end of WRITE and remain valid for tWHDX afterward. G
should be kept high during WRITE cycles to avoid bus contention; although, if the output
bus has been activated by a low on E and G a low on W will disable the outputs tWLQZ after
W falls.
Figure 6.
WRITE enable controlled, WRITE mode AC waveform
Figure 7.
Chip enable controlled, WRITE mode AC waveforms
AI02382
tAVAV
tWHAX
tDVWH
DATA INPUT
A0-A16
E
W
DQ0-DQ7
VALID
tAVWH
tAVEL
tWLWH
tAVWL
tWLQZ
tWHDX
tWHQX
AI03611
tAVAV
tEHAX
tDVEH
DATA INPUT
A0-A16
E
W
DQ0-DQ7
VALID
tAVEH
tAVEL
tWLWH
tAVWL
tEHDX
tELEH


Similar Part No. - M48Z129Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
   3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
302Kb / 16P
   5.0V OR 3.3V, 1 Mbit (128 Kb x 8) ZEROPOWER SRAM
M48Z129Y-70PM STMICROELECTRONICS-M48Z129Y-70PM Datasheet
302Kb / 16P
   5.0V OR 3.3V, 1 Mbit (128 Kb x 8) ZEROPOWER SRAM
M48Z129Y-70PM1 STMICROELECTRONICS-M48Z129Y-70PM1 Datasheet
94Kb / 13P
   3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
M48Z129Y-70PMTR STMICROELECTRONICS-M48Z129Y-70PMTR Datasheet
302Kb / 16P
   5.0V OR 3.3V, 1 Mbit (128 Kb x 8) ZEROPOWER SRAM
More results

Similar Description - M48Z129Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z128 STMICROELECTRONICS-M48Z128_10 Datasheet
339Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER짰 SRAM
M48T128Y STMICROELECTRONICS-M48T128Y_10 Datasheet
364Kb / 23P
   5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER짰 SRAM
M48T129Y STMICROELECTRONICS-M48T129Y_10 Datasheet
445Kb / 28P
   5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y_10 Datasheet
327Kb / 20P
   5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER짰 SRAM
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y_11 Datasheet
311Kb / 20P
   5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER짰 SRAM
M48T512Y STMICROELECTRONICS-M48T512Y_10 Datasheet
376Kb / 23P
   5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y_05 Datasheet
302Kb / 16P
   5.0V OR 3.3V, 1 Mbit (128 Kb x 8) ZEROPOWER SRAM
M48T129Y STMICROELECTRONICS-M48T129Y_05 Datasheet
481Kb / 30P
   5.0 or 3.3V, 1 Mbit (128 Kbit x 8) TIMEKEEPER SRAM
M48Z08 STMICROELECTRONICS-M48Z08_10 Datasheet
323Kb / 20P
   5 V, 64 Kbit (8 Kb x 8) ZEROPOWER짰 SRAM
M48Z02 STMICROELECTRONICS-M48Z02_11 Datasheet
343Kb / 22P
   5 V, 16 Kbit (2 Kb x 8) ZEROPOWER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com