Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z512A-85PM6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M48Z512A-85PM6
Description  4 Mbit (512 Kbit x 8) ZEROPOWER짰 SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z512A-85PM6 Datasheet(HTML) 5 Page - STMicroelectronics

  M48Z512A-85PM6 Datasheet HTML 1Page - STMicroelectronics M48Z512A-85PM6 Datasheet HTML 2Page - STMicroelectronics M48Z512A-85PM6 Datasheet HTML 3Page - STMicroelectronics M48Z512A-85PM6 Datasheet HTML 4Page - STMicroelectronics M48Z512A-85PM6 Datasheet HTML 5Page - STMicroelectronics M48Z512A-85PM6 Datasheet HTML 6Page - STMicroelectronics M48Z512A-85PM6 Datasheet HTML 7Page - STMicroelectronics M48Z512A-85PM6 Datasheet HTML 8Page - STMicroelectronics M48Z512A-85PM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
M48Z512A, M48Z512AY, M48Z512AV
Device overview
Doc ID 5146 Rev 8
5/21
1
Device overview
Figure 1.
Logic diagram
Table 1.
Signal names
A0-A18
Address inputs
DQ0-DQ7
Data inputs/outputs
E
Chip enable input
G
Output enable input
W
WRITE enable input
VCC
Supply voltage
VSS
Ground
AI02043
19
A0-A18
W
DQ0-DQ7
VCC
M48Z512A
M48Z512AY
M48Z512AV
G
VSS
8
E


Similar Part No. - M48Z512A-85PM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z512A-85PM6 STMICROELECTRONICS-M48Z512A-85PM6 Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
More results

Similar Description - M48Z512A-85PM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z512A STMICROELECTRONICS-M48Z512A_06 Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
M48Z35 STMICROELECTRONICS-M48Z35_11 Datasheet
414Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48Z35 STMICROELECTRONICS-M48Z35_10 Datasheet
432Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48Z58 STMICROELECTRONICS-M48Z58_11 Datasheet
417Kb / 24P
   5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER짰 SRAM
M48Z58 STMICROELECTRONICS-M48Z58_10 Datasheet
435Kb / 24P
   5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER짰 SRAM
M48Z08 STMICROELECTRONICS-M48Z08_05 Datasheet
283Kb / 16P
   5V, 64 Kbit (8Kb x 8) ZEROPOWER짰 SRAM
M48T512Y STMICROELECTRONICS-M48T512Y_10 Datasheet
376Kb / 23P
   5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
M48Z08 STMICROELECTRONICS-M48Z08_10 Datasheet
323Kb / 20P
   5 V, 64 Kbit (8 Kb x 8) ZEROPOWER짰 SRAM
M48Z128 STMICROELECTRONICS-M48Z128_10 Datasheet
339Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER짰 SRAM
M48Z02 STMICROELECTRONICS-M48Z02_11 Datasheet
343Kb / 22P
   5 V, 16 Kbit (2 Kb x 8) ZEROPOWER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com