Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YPY1111C-0005 Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # YPY1111C-0005
Description  Single Color Low Current Type
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

YPY1111C-0005 Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  YPY1111C-0005 Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. YPY1111C-0005 Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. YPY1111C-0005 Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. YPY1111C-0005 Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. YPY1111C-0005 Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. YPY1111C-0005 Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. YPY1111C-0005 Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. YPY1111C-0005 Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. YPY1111C-0005 Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2010.12.01
Page 4
Single Color Low Current Type (I
F=5mA)
1111C Series
(Ta=25℃)
Electro-Optical Characteristics (SB,SG)
Conditions
YPY
FY
FA
FR
T YP .
1.95
1.93
1.88
1.85
MAX .
2.4
2.4
2.4
2.4
Re ve rse Curre nt
VR =5V
IR
MAX .
100
100
100
100
μA
Pe a k Wa ve le ng th
IF =10mA
λp
T YP .
575
592
609
635
nm
Domina nt
Wa ve le ng th
IF =10mA
λd
T YP .
572
590
605
626
nm
Spe ctra l L ine Ha lf
Width
IF =10mA
⊿λ
T YP .
15
15
15
15
nm
146(θx ) 140(θx ) 140(θx ) 140(θx)
146(θy) 140(θy) 150(θy) 150(θy)
VF
V
Ite m
Unit
Symbol
F orward Voltage
IF =5mA
Cha ra cte ristics
de g .
Ha lf Inte nsity Ang le
IF =10mA
2θ1/2
T YP .
(Ta=25℃)
Electro-Optical Characteristics (YPY,FY,FA,FR)
Conditions
SB
SG
TYP .
2.9
3.0
MAX .
3.2
3.2
Re ve rse Curre nt
VR =5V
IR
MAX .
100
100
μA
Pe a k Wa ve le ng th
IF =5mA
λp
T YP .
465
525
nm
Domina nt
Wa ve le ng th
IF =5mA
λd
T YP .
470
530
nm
Spe ctra l L ine Ha lf
Width
IF =5mA
⊿λ
TYP .
15
30
nm
150(θx ) 150(θx)
150(θy) 150(θy)
VF
V
Ite m
Unit
Symbol
F orward Voltage
IF =5mA
Characte ristics
de g .
Ha lf Inte nsity Ang le
IF =5mA
2θ1/2
T YP .
※θx:Product long side axis,θy:Product short side axis
※θx:Product long side axis,θy:Product short side axis


Similar Part No. - YPY1111C-0005

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
YPY1111C-0005 STANLEY-YPY1111C-0005 Datasheet
465Kb / 24P
   Single Color Low Current Type (IF=5mA)
More results

Similar Description - YPY1111C-0005

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
SB1111C-0005 STANLEY-SB1111C-0005_11 Datasheet
465Kb / 24P
   Single Color Low Current Type (IF=5mA)
PY1101W-TR STANLEY-PY1101W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
BR1101W-TR STANLEY-BR1101W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
AY1112H-TR STANLEY-AY1112H-TR Datasheet
431Kb / 21P
   Single Color 2125 Type
AA1102W-TR STANLEY-AA1102W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
PY1102W-TR STANLEY-PY1102W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
YPY1104B STANLEY-YPY1104B Datasheet
259Kb / 18P
   Single Color High Brightness Type
FR1113F-TR STANLEY-FR1113F-TR Datasheet
311Kb / 18P
   Single Color High Brightness Type
FY1112H-TR STANLEY-FY1112H-TR Datasheet
368Kb / 20P
   Single Color High Brightness Type
FY1101F-TR STANLEY-FY1101F-TR Datasheet
288Kb / 16P
   Single Color High Brightness Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com