Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSNW1146UT Datasheet(PDF) 5 Page - STANLEY ELECTRIC CO.,LTD.

Part # VSNW1146UT
Description  Ceramic Type White LED High Reliability type, White V-Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VSNW1146UT Datasheet(HTML) 5 Page - STANLEY ELECTRIC CO.,LTD.

  VSNW1146UT Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. VSNW1146UT Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. VSNW1146UT Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. VSNW1146UT Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. VSNW1146UT Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. VSNW1146UT Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VSNW1146UT Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VSNW1146UT Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VSNW1146UT Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Page 5
Luminous Intensity Rank(Unit:mcd)
Intensity Tolerance each Rank : +/-10%
(Ta=25℃)
※ Please contact our sales staff concerning rank designation.
Ceramic Type White LED
(High Reliability type, White V-Series)
VSNW1146UT
2010.11.15
MIN.
MAX.
D8
3,900
4,700
D9
4,700
5,600
DX
5,600
6,800
DY
6,800
8,200
Rank
IF=80mA
IV(mcd)


Similar Part No. - VSNW1146UT

ManufacturerPart #DatasheetDescription
logo
MMD Components
VSNA1 MMD-VSNA1 Datasheet
62Kb / 1P
   5.0mm x 3.2mm x 1.2mm 2 Pads Ceramic Package
VSNB1 MMD-VSNB1 Datasheet
62Kb / 1P
   5.0mm x 3.2mm x 1.2mm 2 Pads Ceramic Package
logo
Festo Corporation.
VSNC-F-B52-D-G14-F8 FESTO-VSNC-F-B52-D-G14-F8 Datasheet
105Kb / 2P
   Air solenoid valve
VSNC-F-B52-D-G14-F8-1B2 FESTO-VSNC-F-B52-D-G14-F8-1B2 Datasheet
101Kb / 2P
   Air solenoid valve
VSNC-F-B52-D-G14-FN FESTO-VSNC-F-B52-D-G14-FN Datasheet
101Kb / 2P
   Air solenoid valve
More results

Similar Description - VSNW1146UT

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VLW1148LS STANLEY-VLW1148LS Datasheet
255Kb / 13P
   PLCC-2 Type White LED (High Reliability type, White V-Series)
VSEW1154LDS-E STANLEY-VSEW1154LDS-E Datasheet
299Kb / 20P
   PLCC-2 Type White LED (High Reliability type, White V-Series)
logo
NICHIA CORPORATION
NSCW455AT NICHIA-NSCW455AT Datasheet
284Kb / 13P
   TYPE WHITE LED
NSCW505CT NICHIA-NSCW505CT Datasheet
276Kb / 13P
   TYPE WHITE LED
NESW005T NICHIA-NESW005T Datasheet
269Kb / 13P
   TYPE WHITE LED
NSSW008CT-P1 NICHIA-NSSW008CT-P1 Datasheet
284Kb / 13P
   TYPE WHITE LED
NESW021T NICHIA-NESW021T Datasheet
371Kb / 13P
   TYPE WHITE LED
NSSW045T NICHIA-NSSW045T Datasheet
328Kb / 13P
   TYPE WHITE LED
NESW064AT NICHIA-NESW064AT Datasheet
309Kb / 13P
   TYPE WHITE LED
NSSW061AT NICHIA-NSSW061AT Datasheet
433Kb / 14P
   TYPE WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com