Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYL-3044PGC1C Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYL-3044PGC1C
Description  LED LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYL-3044PGC1C Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYL-3044PGC1C Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-3044PGC1C Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-3044PGC1C Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LED LAMP
R e l a t i v e
L u m i o n o u s
I n t e n s i t y
L O P
@ m a x = 1 )
2.54(.1)
0.5(.02)
2.95(.116)
3.0(.118)
FYL
FYL
FYL
FYL----3044PGC1C
3044PGC1C
3044PGC1C
3044PGC1C
Features:
Package configuration
High instensity
General purpose leads
RoHs complant.
Descriptions:
Dice material: InGaN
Emitting Color: Pure Green
Device Outline: Φ3mm cylinder Type.
Lens Type: Water clear.
Radiation pattern.
Absolute maximun ratings(Ta=25
Absolute maximun ratings(Ta=25
Absolute maximun ratings(Ta=25
Absolute maximun ratings(Ta=25゜
゜с)
с)
с)
с)
Parameter
Parameter
Parameter
Parameter
MAX.
MAX.
MAX.
MAX.
Unit
Unit
Unit
Unit
Power Dissipation
70
mW
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)
100
mA
Continuous Forward Current
20
mA
Derating Linear From 50℃
0.4
mA/
Reverse Voltage
5
V
Electrostatic Discharge (ESD)
150
V
Operating Temperature Range
-30
to +80
Storage Temperature Range
-40
to +100
Lead Soldering Temperature[4mm(.157”) From Body]
260
for 5 Seconds
Electrical and optical characteristics(Ta=25
Electrical and optical characteristics(Ta=25
Electrical and optical characteristics(Ta=25
Electrical and optical characteristics(Ta=25゜
゜с)
с)
с)
с)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
--
1200
--
mcd
Viewing Angle
1/2
80
90
100
Deg
Peak Emission
Wavelength
λp
515
520
525
nm
Dominant Wavelength
λd
517
522
527
nm
Spectral Line Half-Width
△λ
10
15
20
nm
nm
nm
nm
Forward Voltage
VF
2.8
3.2
3.6
V
IF=20mA
Reverse Current
IR
50
A
VR=5V
All dimensions are millimeters (inches)
Tolerance
is
±0.25mm(.010”)
unless
otherwise noted.


Similar Part No. - FYL-3044PGC1C

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-3044PGC1C FORYARD-FYL-3044PGC1C_15 Datasheet
285Kb / 5P
   3mm cylinder type led
More results

Similar Description - FYL-3044PGC1C

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com