Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMD28-461 Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # FMD28-461
Description  Attenuation to 50 dB at 500 kHz Up to 7 A throughput current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMD28-461 Datasheet(HTML) 6 Page - Interpoint Corporation Company

  FMD28-461_10 Datasheet HTML 1Page - Interpoint Corporation Company FMD28-461_10 Datasheet HTML 2Page - Interpoint Corporation Company FMD28-461_10 Datasheet HTML 3Page - Interpoint Corporation Company FMD28-461_10 Datasheet HTML 4Page - Interpoint Corporation Company FMD28-461_10 Datasheet HTML 5Page - Interpoint Corporation Company FMD28-461_10 Datasheet HTML 6Page - Interpoint Corporation Company FMD28-461_10 Datasheet HTML 7Page - Interpoint Corporation Company FMD28-461_10 Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
0.040 dia.
(1.02)
5
4
3
1
2
0.173
(4.39)
0.000
1.173 (29.79)
0.673
(17.09)
0.162 dia
(4.11)
BOTTOM VIEW CASE J4
Solder Seal
Solder Tip-off
Squared corner and dot on top
of case indicate pin one.
1.350 max. (34.29)
Flange Thickness: 0.067 +0.005/-0.007 (1.70 +0.13/-0.8)
2.720 max
(69.09)
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device. Solder pins
individually with heat application not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold compression glass seal.
Seal Hole: 0.091 ±0.002 (2.31 ±0.05)
Case J4 FMD, Rev F, 20091105
Please refer to the numerical dimensions for accuracy. All information is believed to
be accurate, but no responsibility is assumed for errors or omissions. Interpoint
reserves the right to make changes in products or specifications without notice.
Copyright © 1999-2009 Interpoint Corp. All rights reserved.
FIguRe 5: case J4 - FMd28-461
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 6 of 8
FMD28-461 eMi input Filters – cases
28 Volt input – 7 aMp
FMD28 Rev C - 20100226


Similar Part No. - FMD28-461_10

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMD28-461 INTERPOINT-FMD28-461_14 Datasheet
201Kb / 8P
   EMI Input Filters 28 Volt input ??7 Amp
More results

Similar Description - FMD28-461_10

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FME270-461 INTERPOINT-FME270-461_10 Datasheet
920Kb / 11P
   Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
   Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
   Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0828 INTERPOINT-FMCE-0828 Datasheet
1Mb / 11P
   Attenuation to 60 dB at 500 kHz, typical MIL-STD-461C CE03
FMCE-1528 INTERPOINT-FMCE-1528 Datasheet
1Mb / 13P
   Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second
FM-461 INTERPOINT-FM-461_10 Datasheet
536Kb / 9P
   Attenuation 40 dB from 110 kHz to 50 MHz Transient suppression
logo
Marki Microwave
BTN1-0050 MARKIMICROWAVE-BTN1-0050 Datasheet
686Kb / 4P
   Broadband: 500 kHz to 50 GHz
logo
M/A-COM Technology Solu...
MAATCC0008 MA-COM-MAATCC0008_15 Datasheet
707Kb / 6P
   Attenuation: 1.0 dB steps to 15 dB
logo
LEM
LF310-S LEM-LF310-S Datasheet
1Mb / 7P
   Bipolar and insulated current measurement up to 500 A
logo
Mini-Circuits
PDC-10-1 MINI-PDC-10-1 Datasheet
46Kb / 1P
   6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com