Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3714 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N3714
Description  Bipolar NPN Device in a Hermetically sealed TO3
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3714 Datasheet(HTML) 1 Page - Seme LAB

  2N3714 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N3714
Bipolar NPN Device.
V
CEO =
80V
I
C = 10A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
80
V
I
C(CONT)
10
A
h
FE
@ 2/1 (V
CE / IC)
25
90
-
f
t
4M
Hz
P
D
150
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
31-Jul-02
TO3 (TO204AA)
PINOUTS
1 – Base
2 – Emitter
Case - Collector
Bipolar NPN Device in a
Hermetically sealed TO3
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
12
3
(case)
25.15 (0.99)
26.67 (1.05)
10.67 (0.42)
11.18 (0.44)
3.84 (0.151)
4.09 (0.161)
7.92 (0.312)
12.70 (0.50)
6.35 (0.25)
9.15 (0.36)
1.52 (0.06)
3.43 (0.135)


Similar Part No. - 2N3714

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3714 BOCA-2N3714 Datasheet
132Kb / 3P
   SILICON NPN POWER TRANSISTORS
logo
List of Unclassifed Man...
2N3714 ETC-2N3714 Datasheet
347Kb / 8P
   Power Transistors
logo
Comset Semiconductor
2N3714 COMSET-2N3714 Datasheet
178Kb / 5P
   EPITAXIAL-BASE NPN - PNP
2N3714 COMSET-2N3714 Datasheet
82Kb / 4P
   EPITAXIAL-BASE TRANSISTORS
logo
Central Semiconductor C...
2N3714 CENTRAL-2N3714 Datasheet
493Kb / 2P
   SILICON NPN TRANSISTORS
More results

Similar Description - 2N3714

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5671 SEME-LAB-2N5671 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2N6274 SEME-LAB-2N6274 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2N6275 SEME-LAB-2N6275 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BDW83D SEME-LAB-BDW83D Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2N6546 SEME-LAB-2N6546 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2S034 SEME-LAB-2S034 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BDX67CECC SEME-LAB-BDX67CECC Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2N6545 SEME-LAB-2N6545 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BDX87 SEME-LAB-BDX87 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BU128 SEME-LAB-BU128 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BUP47 SEME-LAB-BUP47 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com