Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFL2815S Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # MFL2815S
Description  Parallel operation with current share, 16 to 40 VDC input
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFL2815S Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button MFL2815S Datasheet HTML 2Page - Interpoint Corporation Company MFL2815S Datasheet HTML 3Page - Interpoint Corporation Company MFL2815S Datasheet HTML 4Page - Interpoint Corporation Company MFL2815S Datasheet HTML 5Page - Interpoint Corporation Company MFL2815S Datasheet HTML 6Page - Interpoint Corporation Company MFL2815S Datasheet HTML 7Page - Interpoint Corporation Company MFL2815S Datasheet HTML 8Page - Interpoint Corporation Company MFL2815S Datasheet HTML 9Page - Interpoint Corporation Company MFL2815S Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical Characteristics: –55°C to +125° C TC, 28 VDC VIN, 100% load, free run, unless otherwise specified.
Notes
1. Guaranteed by design, not tested.
2. Unit will shut down above approximately 45V but will be undamaged and will restart
when voltage drops into normal range.
3. Recovery time is measured from application of the transient to the point at which
Vout is within 1% of final value.
4. Transition time 100 µs ±20%.
5. Tested on release from inhibit.
6. Shall not compromise DC performance.
SINGLE OUTPUT MODELS
MFL283R3S
MFL2805S
MFL2812S
units
Parameter
cOnDitiOns
min
tyP
maX
min
tyP
maX
min
tyP
maX
OutPut VOltage
3.21
3.30
3.39
4.87
5.00
5.13
11.76 12.00 12.24
VDc
OutPut current
Vin = 16 tO 40 VDc
0
12.12
0
10
0
5
a
OutPut POWer
Vin = 16 tO 40 VDc
0
40
0
50
0
60
W
OutPut riPPle
tc = 25°c
10
35
15
35
30
75
mV p-p
10 khz - 2 mhz
tc = -55°c tO +125°c
10
50
30
50
45
100
line regulatiOn
Vin = 16 tO 40 VDc
0
20
0
20
0
20
mV
lOaD regulatiOn
nO lOaD tO Full
40
20
20
mV
inPut VOltage
cOntinuOus
16
28
40
16
28
40
16
28
40
VDc
nO lOaD tO Full
TRANSIENT 120 msec.1, 2
50
50
50
V
inPut current
nO lOaD
70
100
70
120
50
100
inhibiteD–inh1
9
14
9
14
9
14
mA
inhibiteD–inh2
35
70
35
70
35
70
inPut riPPle
current
10 khz - 10 mhz
15
50
15
50
15
50
mA p-p
eFFiciency
tc = 25°c
73
77
80
83
86
%
tc = -55°c tO +125°c
71
75
_
81
lOaD Fault
POWer DissiPatiOn
shOrt circuit
12.5
16
12.5
18
10
16
W
recOVery 1
1.5
6
1.5
4
1.5
4
ms
steP lOaD
resPOnse
50% - 100% - 50%
transient
200
400
250
350
450
600
mV pk
recOVery 1, 3
1.5
3.0
1.5
3.0
1.5
3.0
ms
steP line
resPOnse 1
16 - 40 -16 VDc
transient 4
250
300
250
300
250
400
mV pk
recOVery 3
200
600
200
300
200
300
µs
start-uP 6
Delay
3.5
6
3.5
6
3.5
6
ms
OVershOOt 1
0
25
0
25
0
25
mV pk
caPacitiVe lOaD 1, 6
tc = 25°c
1000
1000
1000
µF
Crane Aerospace & Electronics Power Solutions
MFL single and dual dc/dc converters
28 VoLt input – 65 Watt
www.craneae.com/interpoint
Page 6 of 13
MFL Rev E - 20101026


Similar Part No. - MFL2815S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MFL2815S INTERPOINT-MFL2815S Datasheet
182Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MFL2815S CRANE-MFL2815S Datasheet
217Kb / 13P
   MFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MFL2815S/883 INTERPOINT-MFL2815S/883 Datasheet
182Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MFL2815S/883 CRANE-MFL2815S/883 Datasheet
217Kb / 13P
   MFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MFL2815S/883 INTERPOINT-MFL2815S/883 Datasheet
311Kb / 14P
   MFL Single and Dual DC-DC Converters 28 Volt Input - 65 Watt
More results

Similar Description - MFL2815S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MOR283R3S INTERPOINT-MOR283R3S_10 Datasheet
2Mb / 24P
   Parallel operation with current share, up to 5 units (540 watts)
SMFLHP2805D INTERPOINT-SMFLHP2805D_07 Datasheet
493Kb / 13P
   Parallel operation with current share, up to 3 units (228 watts)
MHP270 INTERPOINT-MHP270_10 Datasheet
493Kb / 10P
   Parallel operation with current share, up to 5 units (up to 276 watts) Sync In and Sync Out
SMHF282R5S INTERPOINT-SMHF282R5S Datasheet
591Kb / 15P
   Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
logo
MicroPower Direct, LLC
MDCFM-40U MPD-MDCFM-40U Datasheet
842Kb / 4P
   40 to 110 VDC Input
MDCFM-01A MPD-MDCFM-01A Datasheet
493Kb / 2P
   0 to 40 VDC Input
logo
Bel Fuse Inc.
PET1300-12-0540A BEL-PET1300-12-0540A Datasheet
1Mb / 22P
   Parallel operation with active current sharing
logo
Interpoint Corporation ...
MTW2805S INTERPOINT-MTW2805S_10 Datasheet
445Kb / 6P
   ??5째C to 85째C operation 18 to 40 VDC input 50 V for 50 ms transient protection
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
logo
Bel Fuse Inc.
TET2200-12-086XD BEL-TET2200-12-086XD Datasheet
1Mb / 27P
   Wide input voltage range: -40 to -72 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com