Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHF281R9S Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # MHF281R9S
Description  Only 0.33 inches (8.38 mm) high in a hermetically sealed case
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHF281R9S Datasheet(HTML) 5 Page - Interpoint Corporation Company

  MHF281R9S Datasheet HTML 1Page - Interpoint Corporation Company MHF281R9S Datasheet HTML 2Page - Interpoint Corporation Company MHF281R9S Datasheet HTML 3Page - Interpoint Corporation Company MHF281R9S Datasheet HTML 4Page - Interpoint Corporation Company MHF281R9S Datasheet HTML 5Page - Interpoint Corporation Company MHF281R9S Datasheet HTML 6Page - Interpoint Corporation Company MHF281R9S Datasheet HTML 7Page - Interpoint Corporation Company MHF281R9S Datasheet HTML 8Page - Interpoint Corporation Company MHF281R9S Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
CONNECTION DIAgRAmS
9
1
8
200 pF
3.9 K
10 K
INHIBIT
MHF+
INPUT
COMMON
POSITIVE INPUT
10 k
1N4148
2N3501
Figure 3: inHiBit interFaCe
Positive Input
1
5
28V
Input Common
FMH-461
EMI FILTER
Positive Output
Output Common
3
Positive Input
Input Common
MHF+
2
4
Case*
*The case ground connection should be as low an impedance as possible to minimize EMI.
Direct contact of baseplate to chassis ground provides the lowest impedance.
Chassis Ground
Case Ground
Case Ground
Figure 5: eMi Filter COnneCtiOn
+5
Load
Positive Input
9
7
1
8
2
4
5
28V
Sync In
Inhibit
Input Common
+5 Output
Output Common
– Aux. Output
+ Aux.
Load
3
– Aux.
Load
+ Aux. Output
0.01 F
5.1k
Figure 4: aC COupling OF SynC Signal, triple MODelS
if the sync terminal ([pin 7) is not used, it must be left
floating. the ac coupling shown will prevent sync signal
failure.
www.interpoint.com
Page 5 of 23
Crane aerospace & electronics Power solutions
MHF+ Single, dual and triple dC/dC Converters
28 VOlT inPuT – 15 WATT
MHF+ rev l - 20091113


Similar Part No. - MHF281R9S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MHF2812D ETC1-MHF2812D Datasheet
149Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MHF2812D CRANE-MHF2812D Datasheet
88Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Interpoint Corporation ...
MHF2812D/883 INTERPOINT-MHF2812D/883 Datasheet
383Kb / 23P
   MHF Single, Dual and Triple DC-DC Converters
logo
Crane Aerospace & Elect...
MHF2812D/ES CRANE-MHF2812D/ES Datasheet
88Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Interpoint Corporation ...
MHF2812DF/883 INTERPOINT-MHF2812DF/883 Datasheet
314Kb / 21P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MHF281R9S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
51-311-309 SPECTRUM-51-311-309 Datasheet
313Kb / 16P
   Hermetically Sealed Threaded Case Filters
logo
API Technologies Corp
51-311-308 APITECH-51-311-308 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
logo
List of Unclassifed Man...
CL700 ETC2-CL700 Datasheet
39Kb / 1P
   HERMETICALLY SEALED TO-5 CASE
logo
Vishay Siliconix
TSTS730 VISHAY-TSTS730 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7100 VISHAY-TSTA7100 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS750 VISHAY-TSTS750 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7300 VISHAY-TSTA7300 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7500 VISHAY-TSTA7500 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS710 VISHAY-TSTS710 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
logo
Seme LAB
2N4928CSM SEME-LAB-2N4928CSM Datasheet
20Kb / 2P
   GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com