Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHP270 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # MHP270
Description  Parallel operation with current share, up to 5 units (up to 276 watts) Sync In and Sync Out
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHP270 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  MHP270 Datasheet HTML 1Page - Interpoint Corporation Company MHP270 Datasheet HTML 2Page - Interpoint Corporation Company MHP270 Datasheet HTML 3Page - Interpoint Corporation Company MHP270 Datasheet HTML 4Page - Interpoint Corporation Company MHP270 Datasheet HTML 5Page - Interpoint Corporation Company MHP270 Datasheet HTML 6Page - Interpoint Corporation Company MHP270 Datasheet HTML 7Page - Interpoint Corporation Company MHP270 Datasheet HTML 8Page - Interpoint Corporation Company MHP270 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
description
The MHP270 Series™ DC/DC converters provide up to 65
watts of output power over -55°C to +100°C temperature range.
MHP270 models operate from a MIL-STD-704 nominal 270-volt
DC power bus with 160 to 400 VDC continuous operation with
surges to 450 volts. Isolated outputs include 5, 12, 15, and 28
VDC singles and ±5, ±12 and ±15 VDC duals. Parallel operation
for all loading conditions is supported without any requirement for
external components. The converters are available with standard
screening or “ES” screening
MHP270 DC/DC converters are constant frequency, pulse width
modulated switching power supplies which use a quasi-square
wave, two-switch single-ended forward converter design. Tight
load regulation is achieved through a wide-bandwidth magnetic
feedback circuit.
Up to five single output MHP270 converters may be used in
parallel to power a single load by simply connecting the share
pins of all units. Units in this configuration have an 85% current
sharing accuracy over 35% load to full load conditions.
MHP270 Series of converters feature a flexible synchronization
scheme in which units may be synchronized to an external clock
or to one another by using Sync In and Sync Out pins provided
on each unit. MHP270 converters have a nominal switching
frequency of 525 kHz, but may be synchronized at any frequency
from 475 to 575 kHz.
MHP270 converters meet a wide variety of military/aerospace
performance and environmental specifications. Their continuous
operation input voltage (160 to 400) meets the normal operating
limits of MIL-STD-704. The unit shuts down above approximately
425 volts, but it is rated to withstand a surge of up to 450 volts
for 50 milliseconds. The units are built as fully hermetic thick film
hybrids in our MIL-PRF-38534 certified facilities.
Features
Undervoltage lock-out – shuts down when the input line voltage
falls below approximately 120 VDC to provide smooth initializa-
tion.
Continuous short circuit protection – current limit set at approxi-
mately 125%.
Soft-start – controlled start-up at turn-on, release from inhibit and
recovery from load fault conditions.
Remote sense – Sense lines increase the output voltage to
compensate for IR drops in traces and wires. The voltage
compensation can be up to a maximum of 10% of nominal output
voltage to maintain tightly regulated voltage at the load.
Output VOltage OptiOns
The MHP270 Series converters are capable of providing other
output voltage options in addition to those characterized on this
datasheet. Contact your sales representative to discuss other
output voltage options, www.interpoint.com/contacts.
us patents
Interpoint converters may use one or more of the following US
patents 5,521,807, 5,694,303, and 5,631,822.
MODELS
VDC Output
single
5
12
15
28
Dual
±5
±12
±15
Features
parallel operation with current share,
up to 5 units (up to 276 watts)
Operating range -55° to +100°C
Input voltage 160 to 400 VDC
Transient protection 450 V for 50 ms
Fully isolated, magnetic feedback
Fixed high frequency switching
Remote sense on single models
Inhibit primary side and secondary side
Sync In and Sync Out
Indefinite short circuit protection
High power density, up to 85% efficiency
Crane Aerospace & Electronics Power Solutions
MHp270 single and dual dc/dc converters
Crane Aerospace & Electronics
Electronics Group (Interpoint Brand)
POBox97005•RedmondWA98073-9705
425.882.3100•power@crane-eg.com
www.interpoint.com
Page 1 of 10
270 Volt input – 65 Watt
MHP270 Rev G - 20100517


Similar Part No. - MHP270

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
MHP27005D CRANE-MHP27005D Datasheet
397Kb / 10P
   MHP27005S
logo
Interpoint Corporation ...
MHP27005D INTERPOINT-MHP27005D Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
MHP27005D/ES INTERPOINT-MHP27005D/ES Datasheet
1Mb / 7P
   DC/DC CONVERTERS 270 VOLT INPUT
logo
Crane Aerospace & Elect...
MHP27005D/ES CRANE-MHP27005D/ES Datasheet
397Kb / 10P
   MHP27005S
MHP27005DF CRANE-MHP27005DF Datasheet
397Kb / 10P
   MHP27005S
More results

Similar Description - MHP270

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MOR283R3S INTERPOINT-MOR283R3S_10 Datasheet
2Mb / 24P
   Parallel operation with current share, up to 5 units (540 watts)
SMFLHP2805D INTERPOINT-SMFLHP2805D_07 Datasheet
493Kb / 13P
   Parallel operation with current share, up to 3 units (228 watts)
logo
Coolgear Inc.
U2CHGRHUB20 COOLGEAR-U2CHGRHUB20 Datasheet
683Kb / 2P
   Charge and Sync, provides up to 2.4Amps per port
Rev 01.200714
logo
Interpoint Corporation ...
MFL283R3S INTERPOINT-MFL283R3S_10 Datasheet
645Kb / 13P
   Parallel operation with current share, 16 to 40 VDC input
logo
Shenzhen Huazhimei Semi...
HM5177 HMSEMI-HM5177 Datasheet
1Mb / 6P
   Sync. Rectifier Step Up Converter
logo
Global Mixed-mode Techn...
G5177C GMT-G5177C Datasheet
912Kb / 9P
   Sync. Rectifier Step Up Converter
G5177B GMT-G5177B Datasheet
126Kb / 1P
   Sync. Rectifier Step Up Converter
logo
Texas Instruments
SN74V245-EP TI1-SN74V245-EP Datasheet
401Kb / 42P
[Old version datasheet]   DSP-SYNC FIRST-IN, FIRST-OUT MEMORY
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Wall Industries,Inc.
LANK WALL-LANK Datasheet
95Kb / 2P
   UP TO 4 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com