Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHV2812D Datasheet(PDF) 11 Page - Interpoint Corporation Company

Part # MHV2812D
Description  Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHV2812D Datasheet(HTML) 11 Page - Interpoint Corporation Company

Back Button MHV2812D Datasheet HTML 7Page - Interpoint Corporation Company MHV2812D Datasheet HTML 8Page - Interpoint Corporation Company MHV2812D Datasheet HTML 9Page - Interpoint Corporation Company MHV2812D Datasheet HTML 10Page - Interpoint Corporation Company MHV2812D Datasheet HTML 11Page - Interpoint Corporation Company MHV2812D Datasheet HTML 12Page - Interpoint Corporation Company MHV2812D Datasheet HTML 13Page - Interpoint Corporation Company MHV2812D Datasheet HTML 14Page - Interpoint Corporation Company MHV2812D Datasheet HTML 15Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TRIPLE OUTPUT MODEL – MHV28515T
5 (MAIN)
±15 (AUXILIARIES)
units
parameter
ConDitions
MIN
TyP
MAX
MIN
TyP
MAX
output voltage
MAIN AND POS. AUX
4.90
5.00
5.10 14.70 15.00
15.30
VDC
NEG. AUX.
-14.62 -15.00 -15.38
output Current 2
2.0
0
±0.167 0.267 1
A
TOTAL
0.333
output poWer 3
0
10
0
±2.50
4.00 1
W
vin = 16 to 50 vDC
TOTAL
5
output ripple
10 khz - 2 mhz
8
22
9
22
mV p-p
line regulation
MAIN AND POS. AUX
0
5
7
35
mV
vin= 16, 50 vDC
NEG. AUX.
7
40
loaD regulation 4
MAIN AND POS. AUX
10
20
10
30
NEG. AUX.
40
80
mV
Cross regulation 5
EFFECT ON
NEGATIVE AUXILIARy
400
800
mV
input voltage
Continuous
16
28
50
VDC
transient 120 ms 1
80
V
input Current
no loaD
34
41
mA
inhibiteD
8.4
10
input ripple Current
10 kHz - 10 MHz
10
30
mA p-p
eFFiCienCy
74
78
%
loaD Fault 6
POWER DISSIPATION
9.5
9.5
W
reCovery 1
25
25
ms
step loaD response 7
transient
±350
±600
mV pk
NEG. AUX. 1
±600
reCovery
3
4
ms
NEG. AUX. 1
4
step line response 1, 8
16 - 50 - 16 vin
transient
±400
±500
mV pk
reCovery
3
4
ms
start-up
Delay
15
15
ms
overshoot 1
100
300
mV pk
CapaCitive loaD 1
25°C
200
100
µF
Electrical Characteristics: -55° to +125°C TC, 28 VDC Vin, 100% load, free run, unless otherwise specified.
Notes for Triple Output Models
1. guaranteed by design, not tested.
2. The sum of the 15 volt auxiliary output currents may not exceed 333 mA.
3. The sum of the auxiliary output power may not exceed 5 watts. Up to 80% of the
total power (5W) is available from either auxiliary providing the opposite auxiliary is
carrying 20% of the total auxiliary power used.
4. Load regulation for the +5 is specified at 0.0 to 2.0 A with the aux. both held at 2.5
W (167 mA). Load regulation for the auxiliary. is specified as both auxiliaries from
0.0 to 2.5 W (167 mA) at the same time with the +5 held at 2.0 A.
5. Cross regulation occurs between the two auxiliaries and is measured on –aux. +5 is
held constant at 2.0 A. Cross regulation is specified for two conditions:
A. Positive aux. = 2.5 W (50%); negative aux. = 2.5 W to 0.5 W (50% to 10%).
B. From +Po = 70% and -Po = 30% to + Po = 30% and -Po =70%.
Above conditions are referenced to 50%/50% balanced loads.
6.Loadfaultisashortcircuit(<50mΩ).Recoveryisintoaresistiveload.
7.Steploadtransition≥10µs.Recovery=timetosettletowithin1%of VOUT final
value.
8.Steplinetransition≥10µs.Recovery=timetosettletowithin1%ofVOUT final
value.
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input – 15 Watt
www.interpoint.com
Page 11 of 19
MHV Rev E - 20100503


Similar Part No. - MHV2812D

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
MHV2812D CRANE-MHV2812D Datasheet
294Kb / 14P
   MHV Single, Dual and Triple DC/DC Converters
MHV2812D/883 CRANE-MHV2812D/883 Datasheet
294Kb / 14P
   MHV Single, Dual and Triple DC/DC Converters
logo
Interpoint Corporation ...
MHV2812D/883 INTERPOINT-MHV2812D/883 Datasheet
330Kb / 21P
   MHV Single, Dual and Triple DC-DC Converters
logo
Crane Aerospace & Elect...
MHV2812D/ES CRANE-MHV2812D/ES Datasheet
294Kb / 14P
   MHV Single, Dual and Triple DC/DC Converters
MHV2812DF CRANE-MHV2812DF Datasheet
294Kb / 14P
   MHV Single, Dual and Triple DC/DC Converters
More results

Similar Description - MHV2812D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FME270-461 INTERPOINT-FME270-461_10 Datasheet
920Kb / 11P
   Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
   Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
   Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
SMFL283R3S INTERPOINT-SMFL283R3S_10 Datasheet
787Kb / 15P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
SFMC28-461 INTERPOINT-SFMC28-461 Datasheet
833Kb / 11P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
   Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
logo
Richtek Technology Corp...
RT8258GE RICHTEK-RT8258GE Datasheet
401Kb / 12P
   Wide Operating Input Voltage Range : 4.5V to 24V
logo
Interpoint Corporation ...
SMHF282R5S INTERPOINT-SMHF282R5S Datasheet
591Kb / 15P
   Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
logo
Bel Fuse Inc.
TET2200-12-086XD BEL-TET2200-12-086XD Datasheet
1Mb / 27P
   Wide input voltage range: -40 to -72 VDC
logo
Amphenol Corporation
AT06-12SA AMPHENOL-AT06-12SA Datasheet
809Kb / 2P
   CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com