Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOR2812D Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # MOR2812D
Description  Parallel operation with current share, up to 5 units (540 watts)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR2812D Datasheet(HTML) 7 Page - Interpoint Corporation Company

Back Button MOR2812D Datasheet HTML 3Page - Interpoint Corporation Company MOR2812D Datasheet HTML 4Page - Interpoint Corporation Company MOR2812D Datasheet HTML 5Page - Interpoint Corporation Company MOR2812D Datasheet HTML 6Page - Interpoint Corporation Company MOR2812D Datasheet HTML 7Page - Interpoint Corporation Company MOR2812D Datasheet HTML 8Page - Interpoint Corporation Company MOR2812D Datasheet HTML 9Page - Interpoint Corporation Company MOR2812D Datasheet HTML 10Page - Interpoint Corporation Company MOR2812D Datasheet HTML 11Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Angled corner and cover marking indicate pin one for cases
U2 and V. Cover marking indicates pin one for cases W, Y, and Z.
TOP VIEW
MOR
(Pin side, marked side)
1
2
3
4
5
6
12
11
10
9
8
7
Outline shown is case U2 pin out is the same
for all cases. Available in a variety of packages
See cases U2, V, W, Y and Z for dimensions.
Figure 13: Pin out toP View
pin out
pin
single output
dual output
1
Positive Input
Positive Input
2
Input Common
Input Common
3
Trim
Case
4
Inhibit 1 (INH1)
Inhibit 1 (INH1)
5
Sync Out
Sync Out
6
Sync In
Sync In
7
Positive Output
Positive Output
8
Output Common Output Common
9
Sense Return
Negative Output
10
Positive Sense
Trim
11
Share
Share
12
Inhibit 2 (INH2)
Inhibit 2 (INH2)
pins not in use
Case
User’s discretion
Inhibit (INH1, INH2)
Leave unconnected
Sense Line
Must be connected to the
appropriate outputs
Sync In
Connect to input common
Sync Out
Leave unconnected
Share
Leave unconnected
Trim
Leave unconnected
Crane Aerospace & Electronics Power Solutions
Mor single and dual dc/dc converters
28 Volt input – 120 Watt
www.interpoint.com
Page 7 of 24
MOR Rev K - 20100422


Similar Part No. - MOR2812D

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
MOR2812D CRANE-MOR2812D Datasheet
625Kb / 21P
   MOR Single and Dual DC/DC Converters
MOR2812D/883 CRANE-MOR2812D/883 Datasheet
625Kb / 21P
   MOR Single and Dual DC/DC Converters
MOR2812D/ES CRANE-MOR2812D/ES Datasheet
625Kb / 21P
   MOR Single and Dual DC/DC Converters
MOR2812DV CRANE-MOR2812DV Datasheet
625Kb / 21P
   MOR Single and Dual DC/DC Converters
MOR2812DV/883 CRANE-MOR2812DV/883 Datasheet
625Kb / 21P
   MOR Single and Dual DC/DC Converters
More results

Similar Description - MOR2812D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMFLHP2805D INTERPOINT-SMFLHP2805D_07 Datasheet
493Kb / 13P
   Parallel operation with current share, up to 3 units (228 watts)
MHP270 INTERPOINT-MHP270_10 Datasheet
493Kb / 10P
   Parallel operation with current share, up to 5 units (up to 276 watts) Sync In and Sync Out
MFL283R3S INTERPOINT-MFL283R3S_10 Datasheet
645Kb / 13P
   Parallel operation with current share, 16 to 40 VDC input
logo
Bel Fuse Inc.
PET1300-12-0540A BEL-PET1300-12-0540A Datasheet
1Mb / 22P
   Parallel operation with active current sharing
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
logo
Sparkle Power Inc.
FSP600-60BR3 SPI-FSP600-60BR3 Datasheet
77Kb / 1P
   540 Watts N1 Redundant Switching Power Supply
logo
Analog Devices
ADM1041 AD-ADM1041 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
ETA-USA
ZMP-SX-F-TD ETA-USA-ZMP-SX-F-TD Datasheet
2Mb / 5P
   500W Current sharing (??D??, up to 4 units can be paralleled
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com