Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOR2815D Datasheet(PDF) 9 Page - Interpoint Corporation Company

Part # MOR2815D
Description  Parallel operation with current share, up to 5 units (540 watts)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR2815D Datasheet(HTML) 9 Page - Interpoint Corporation Company

Back Button MOR2815D Datasheet HTML 5Page - Interpoint Corporation Company MOR2815D Datasheet HTML 6Page - Interpoint Corporation Company MOR2815D Datasheet HTML 7Page - Interpoint Corporation Company MOR2815D Datasheet HTML 8Page - Interpoint Corporation Company MOR2815D Datasheet HTML 9Page - Interpoint Corporation Company MOR2815D Datasheet HTML 10Page - Interpoint Corporation Company MOR2815D Datasheet HTML 11Page - Interpoint Corporation Company MOR2815D Datasheet HTML 12Page - Interpoint Corporation Company MOR2815D Datasheet HTML 13Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Electrical Characteristics: -55 to +125°C TC, 28 VDC Vin, 100% load, free run, unless otherwise specified.
Notes:
1. guaranteed by design, not tested.
2. Short circuit is measured with a 10 m ohm (±10%) resistive load.
3. Time to settle to within 1% of Vout.
4. Transition time > 10 µs
5. Tested on release from inhibit.
SINGLE OUTPUT MODELS
MOR283R3S
MOR2805S
MOR286R3S
Parameter
ConditionS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
unitS
outPut Voltage
3.22
3.30
3.38
4.87
5.00
5.25
6.17
6.30
6.43
VDC
outPut Current
Vin = 16 to 40 VdC
0
20
0
20
0
16
A
outPut Power
Vin = 16 to 40 VdC
0
66
0
100
0
100
W
outPut riPPle
10 khz - 20 mhz
30
80
30
80
75
100
mV p-p
10 khz - 2 mhz
20
50
20
50
50
60
line regulation
Vin = 16 to 40 VdC
0
20
0
20
0
20
mV
load regulation
no load to Full
0
30
0
30
0
30
mV
inPut Voltage
ContinuouS
16
28
40
16
28
40
16
28
40
VDC
TRANSIENT 120 msec.1
50
50
50
V
inPut Current
no load
70
150
70
150
70
150
inhibited–inh1
10
10
10
mA
inhibited–inh2
70
70
70
inPut riPPle Current
10 khz - 20 mhz
40
90
50
130
50
130
mA p-p
eFFiCienCy
74
78
77
81
80
83
%
load Fault
Power diSSiPation
oVerload 1
27
30
30
W
Short CirCuit 2
22
27
24
reCoVery 1
10
10
10
ms
SteP load reSPonSe
50% - 100% - 50%
tranSient
250
250
500
mV pk
reCoVery 3
200
200
300
µs
SteP line reSPonSe
16 - 40 - 16 VdC
tranSient 1, 4
400
400
500
mV pk
reCoVery 1, 3
300
300
300
µs
Start-uP 5
delay
10
10
10
ms
oVerShoot 1
0
25
0
50
0
50
mV pk
CaPaCitiVe load 1
no eFFeCt on dC
PerFormanCe
1000
1000
1000
µF
Crane Aerospace & Electronics Power Solutions
Mor single and dual dc/dc converters
28 Volt input – 120 Watt
www.interpoint.com
Page 9 of 24
MOR Rev K - 20100422


Similar Part No. - MOR2815D

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
MOR2815D CRANE-MOR2815D Datasheet
625Kb / 21P
   MOR Single and Dual DC/DC Converters
MOR2815D/883 CRANE-MOR2815D/883 Datasheet
625Kb / 21P
   MOR Single and Dual DC/DC Converters
MOR2815D/ES CRANE-MOR2815D/ES Datasheet
625Kb / 21P
   MOR Single and Dual DC/DC Converters
MOR2815DV CRANE-MOR2815DV Datasheet
625Kb / 21P
   MOR Single and Dual DC/DC Converters
MOR2815DV/883 CRANE-MOR2815DV/883 Datasheet
625Kb / 21P
   MOR Single and Dual DC/DC Converters
More results

Similar Description - MOR2815D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMFLHP2805D INTERPOINT-SMFLHP2805D_07 Datasheet
493Kb / 13P
   Parallel operation with current share, up to 3 units (228 watts)
MHP270 INTERPOINT-MHP270_10 Datasheet
493Kb / 10P
   Parallel operation with current share, up to 5 units (up to 276 watts) Sync In and Sync Out
MFL283R3S INTERPOINT-MFL283R3S_10 Datasheet
645Kb / 13P
   Parallel operation with current share, 16 to 40 VDC input
logo
Bel Fuse Inc.
PET1300-12-0540A BEL-PET1300-12-0540A Datasheet
1Mb / 22P
   Parallel operation with active current sharing
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
logo
Sparkle Power Inc.
FSP600-60BR3 SPI-FSP600-60BR3 Datasheet
77Kb / 1P
   540 Watts N1 Redundant Switching Power Supply
logo
Analog Devices
ADM1041 AD-ADM1041 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
ETA-USA
ZMP-SX-F-TD ETA-USA-ZMP-SX-F-TD Datasheet
2Mb / 5P
   500W Current sharing (??D??, up to 4 units can be paralleled
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com