Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYL-5012ED1C Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYL-5012ED1C
Description  LED LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYL-5012ED1C Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYL-5012ED1C Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5012ED1C Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5012ED1C Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LED LAMP
Typical Electrical Characteristics Curves
Typical Electrical Characteristics Curves
Typical Electrical Characteristics Curves
Typical Electrical Characteristics Curves
(25
(25
(25
(25゜
゜с Am
с Am
с Am
с Ambient Temperature Unless Otherwise Noted)
bient Temperature Unless Otherwise Noted)
bient Temperature Unless Otherwise Noted)
bient Temperature Unless Otherwise Noted)
Ambient Temperature TA( )
Forward Current Vs Forward Voltage
Forward Voltage(V)
Forward Current Derating Curve
Luminous Intensity Vs.Ambient Temperature
Ambient Temperature TA( )
C
0
1 0
2 0
3 0
4 0
5 0
6 0
0
1 0
2 0
3 0
4 0
5 0
6 0
7 0
8 0
9 0
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
10
0
20
30
40
50
Forward Current IF(mA)
Relative Luminous intensity vs Forward current
0.0
0.2
0.4
0.6
0.8
1.0
800
760
720
680
peak@625nm /Orange
Wave Length(nm)
Spectral Reduance
640
600
580
540
G a P
A l G a A s
o r
A l G a I n P
3.5


Similar Part No. - FYL-5012ED1C

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-5012ED1C FORYARD-FYL-5012ED1C_15 Datasheet
270Kb / 5P
   Red diffused led
More results

Similar Description - FYL-5012ED1C

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com