Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3868SMD05 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N3868SMD05
Description  Bipolar PNP Device in a Hermetically sealed
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3868SMD05 Datasheet(HTML) 1 Page - Seme LAB

  2N3868SMD05 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2
1
3
2.41 (0.095)
(0.030)
min.
0.127 (0.005)
(0.296)
3.175 (0.125)
Max.
0.50 (0.020)
max.
7.54
0.76
2.41 (0.095)
0.127 (0.005)
(0.286)
7.26
16 PLCS
0.50(0.020)
0.127 (0.005)
2N3868SMD05
Bipolar PNP Device.
V
CEO =
60V
I
C = 1A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
60
V
I
C(CONT)
1
A
h
FE
@ 3/2.5 (V
CE / IC)
20
-
f
t
60M
Hz
P
D
1
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
15-Aug-02
Bipolar PNP Device in a
Hermetically sealed
Ceramic Surface Mount
Package for High
Reliability Applications
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
PINOUTS
1 – Base
2 – Collector
3 – Emitter
SMD0.5 (TO276AA)


Similar Part No. - 2N3868SMD05

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3868SMD SEME-LAB-2N3868SMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
More results

Similar Description - 2N3868SMD05

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5153SMD SEME-LAB-2N5153SMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
2N3868SMD SEME-LAB-2N3868SMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
2N3792SMD SEME-LAB-2N3792SMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
2N3790SMD SEME-LAB-2N3790SMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
BUX78ASMD SEME-LAB-BUX78ASMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
BUX78SMD SEME-LAB-BUX78SMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
2N4901SMD SEME-LAB-2N4901SMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
2N3789XSMD SEME-LAB-2N3789XSMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
2N3790XSMD SEME-LAB-2N3790XSMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
2N3791SMD SEME-LAB-2N3791SMD Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
2N3867SMD05 SEME-LAB-2N3867SMD05 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com