Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFL4913ESY332 Datasheet(PDF) 10 Page - STMicroelectronics

Part # RHFL4913ESY332
Description  Rad-hard positive fixed voltage regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913ESY332 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button RHFL4913ESY332 Datasheet HTML 6Page - STMicroelectronics RHFL4913ESY332 Datasheet HTML 7Page - STMicroelectronics RHFL4913ESY332 Datasheet HTML 8Page - STMicroelectronics RHFL4913ESY332 Datasheet HTML 9Page - STMicroelectronics RHFL4913ESY332 Datasheet HTML 10Page - STMicroelectronics RHFL4913ESY332 Datasheet HTML 11Page - STMicroelectronics RHFL4913ESY332 Datasheet HTML 12Page - STMicroelectronics RHFL4913ESY332 Datasheet HTML 13Page - STMicroelectronics RHFL4913ESY332 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Application information
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
10/19
Doc ID 10004 Rev 11
6
Application information
The RHFL4913 fixed voltage is functional as soon as VI-VO voltage difference is slightly
above the power element saturation voltage. A minimum 0.5 mA IO ensures perfect “no-
load” regulation.
All available VI pins must always be externally interconnected, same thing for all available
VO pins, otherwise device stability and reliability cannot be granted. All NC pins can be
connected to ground. The INHIBIT function switches off the output current in an electronic
way, that is very quickly. According to Lenz’s Law, external circuitry reacts with –LdI/dt terms
which can be of high amplitude in case some series-inductance exists. The effect would be
a large transient voltage developed on both device terminals. It is necessary to protect the
device with Schottky diodes preventing negative voltage excursions. In the worst case, a 14
V Zener diode shall protect the device input.
The device has been designed for high stability and low drop out operation: minimum 1 µF
input and output tantalum capacitors are therefore mandatory. Capacitor ESR range is from
0.01
Ω to over 20 Ω. Such range turns out to be useful when ESR increases at low
temperature. When large transient currents are expected, larger value capacitors are
necessary.
In case of high current operation with expected short-circuit events, caution must be
considered relatively to capacitors. They must be connected as close as possible to device
terminals. As some tantalum capacitors may permanently fail when submitted to high
charge-up surge currents, it is recommended to decouple them with 470 nF polyester
capacitors.
Being RHFL4913 fixed voltage manufactured with very high speed bipolar technology 6 GHz
fT transistors), the PCB lay-out must be performed with extreme care, very low inductance,
low mutually coupling lines, otherwise high frequency parasitic signals may be picked-up by
the device resulting into self-oscillation. User’s benefit is a SVR performance extended to far
higher frequencies.
6.1
Remote sensing operation
In case the load is located far from the regulator, it is recommended to comply with the
scheme below. To obtain the best regulation, it is in addition essential to care about:
– The wire connecting R2 to the load end must not be crossed by the load current
(Kelvin sense).
The noise captured by the wires between the load and the chip could bring a noisy output
voltage. In case this happens, it is recommended that shielded cables are used for these
connections. The external wrap must be used for connecting the ground of the chip with the
load ground. It is also recommended to place 1 µF tantalum capacitors between output and
ground close to the device and another next to the load.


Similar Part No. - RHFL4913ESY332

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913ESY332 STMICROELECTRONICS-RHFL4913ESY332 Datasheet
266Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913ESY332 STMICROELECTRONICS-RHFL4913ESY332 Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
More results

Similar Description - RHFL4913ESY332

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_V01 Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15_V01 Datasheet
1Mb / 32P
   1.5 V rad-hard positive fixed voltage regulator
Rev 1 December 2015
RHFL4913 STMICROELECTRONICS-RHFL4913 Datasheet
185Kb / 11P
   RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
   Rad-Hard Adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
   Rad-hard adjustable positive voltage regulator
logo
Anaren Microwave
MSK5953RH ANAREN-MSK5953RH Datasheet
1Mb / 9P
   RAD HARD DUAL POSITIVE LDO ADJ VOLTAGE REGULATOR
logo
STMicroelectronics
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
   2 A rad-hard adjustable positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com