Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4581 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA4581
Description  Preamplifier Power Amplifier for 3V Headphone Stereos
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4581 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA4581 Datasheet HTML 1Page - Sanyo Semicon Device LA4581 Datasheet HTML 2Page - Sanyo Semicon Device LA4581 Datasheet HTML 3Page - Sanyo Semicon Device LA4581 Datasheet HTML 4Page - Sanyo Semicon Device LA4581 Datasheet HTML 5Page - Sanyo Semicon Device LA4581 Datasheet HTML 6Page - Sanyo Semicon Device LA4581 Datasheet HTML 7Page - Sanyo Semicon Device LA4581 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preamplifier + Power Amplifier
for 3V Headphone Stereos
Overview
The LA4581MB is an auto reverse-supported preamplifier +
power amplifier IC that is intended for use in 3V headphone
stereos.
Features
.
Preamplifier muting and preamplifier output on/off can be
implemented with one pin. This IC can easily be used to
construct a set with a radio.
.
The power amplifier needs no input/output coupling
capacitor.
.
A high-frequency cut capacitor is connected to the
preamplifier input pin and the power amplifier input pin.
(Anti-buzz provision)
.
Because Vref AMP (r0 =10 Ω) is built in, the virtual
grounding impedance is about 10
Ω. This eliminates the
need for a large capacitor.
.
8
Ω speaker drivable.
Package Dimensions
unit : mm
3112-MFP24S
[LA4581MB]
SANYO : MFP24S
Specifications
Maximum Ratings at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
4.5
V
Allowable power dissipation
Pd max
530
mW
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Operating Conditions at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
3.0
V
Operating supply voltage range
VCC op
1.8 to 3.6
V
Operating Characteristics at Ta=25 °C, VCC =3.0 V,f=1 kHz, 0.775 V = 0 dBm,
RL =10kΩ (preamplifier), RL =16 Ω (power amplifier)
Parameter
Symbol
Output
min
typ
max
Unit
[Pre + Power]
Quiescent current
ICCO
Rg = 2.2 k
Ω (preamplifer) VIN = 0 V
17
27
mA
Voltage gain (Closed)
VGT
VO = –5 dBm
65
68
71
dB
Continued on next page.
Ordering number: EN3535A
Monolithic Linear IC
LA4581MB
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
22896HA(II) No.3535-1/8


Similar Part No. - LA4581

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4580 SANYO-LA4580 Datasheet
355Kb / 8P
   2-Channel Preamp Power Amp 3V Headphone Use
LA4580M SANYO-LA4580M Datasheet
355Kb / 8P
   2-Channel Preamp Power Amp 3V Headphone Use
LA4582 SANYO-LA4582 Datasheet
143Kb / 6P
   Pre Power Amplifier for 3-V Headphone Stereo Systems
LA4582CM SANYO-LA4582CM Datasheet
143Kb / 6P
   Pre Power Amplifier for 3-V Headphone Stereo Systems
LA4583 SANYO-LA4583 Datasheet
773Kb / 32P
   Compact Cassette Stereo Recording and Playback System
More results

Similar Description - LA4581

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4533M SANYO-LA4533M Datasheet
72Kb / 3P
   Power Amplifier for 3V Headphone Stereos
LA4587M SANYO-LA4587M Datasheet
342Kb / 18P
   Preamplifier Power Amplifier for 1.5 V Headphone Stereos
logo
Weida Semiconductor, In...
YD7000 WEIDA-YD7000 Datasheet
31Kb / 4P
   POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Wuxi Youda electronics ...
YD7000 YOUDA-YD7000 Datasheet
92Kb / 4P
   POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
ON Semiconductor
LA4537MC-BH ONSEMI-LA4537MC-BH Datasheet
167Kb / 8P
   Power Amplifier for 1.5V Headphone Stereos
May, 2013
logo
Rohm
BA3528AFP ROHM-BA3528AFP Datasheet
258Kb / 14P
   Pre / power amplifier and motor governor for 3V headphone stereos
logo
Sanyo Semicon Device
LA4537M SANYO-LA4537M Datasheet
73Kb / 3P
   Power Amplifier for 1.5V Headphone Stereos?
LA4537MC SANYO-LA4537MC Datasheet
147Kb / 4P
   Power Amplifier For 1.5V Headphone Stereos
logo
Unisonic Technologies
A4533 UTC-A4533_15 Datasheet
168Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Rohm
BA3612AKV ROHM-BA3612AKV Datasheet
304Kb / 14P
   Pre-power amplifier for headphone stereos
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com