Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4029 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N4029
Description  Bipolar PNP Device in a Hermetically sealed TO18
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4029 Datasheet(HTML) 1 Page - Seme LAB

  2N4029 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N4029
Bipolar PNP Device.
V
CEO =
80V
I
C = 1A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
80
V
I
C(CONT)
1
A
h
FE
@ 5/0.1m (V
CE / IC)
75
-
f
t
150M
Hz
P
D
0.5
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
2-Aug-02
TO18 (TO206AA)
PINOUTS
1 – Emitter
2 – Base
3 – Collector
Bipolar PNP Device in a
Hermetically sealed TO18
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
1
3
2
2.54 (0.100)
Nom.
0.48 (0.019)
0.41 (0.016)
dia.
5.84 (0.230)
5.31 (0.209)
4.95 (0.195)
4.52 (0.178)


Similar Part No. - 2N4029

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N4029 SEMICOA-2N4029 Datasheet
98Kb / 2P
   Type 2N4029 Geometry 6700 Polarity PNP
logo
Micro Electronics
2N4029 MICRO-ELECTRONICS-2N4029 Datasheet
39Kb / 1P
   PNP SILICON TRANSISTOR
logo
Microsemi Corporation
2N4029 MICROSEMI-2N4029 Datasheet
57Kb / 2P
   PNP SILICON SWITCHING TRANSISTOR
logo
Semicoa Semiconductor
2N4029 SEMICOA-2N4029 Datasheet
212Kb / 2P
   Silicon PNP Transistor
logo
Microsemi Corporation
2N4029 MICROSEMI-2N4029 Datasheet
290Kb / 6P
   PNP SILICON SWITCHING TRANSISTOR
More results

Similar Description - 2N4029

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2412X SEME-LAB-2N2412X Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
2N3250A SEME-LAB-2N3250A Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
BC477B SEME-LAB-BC477B Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
2N3962 SEME-LAB-2N3962 Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
2N3251 SEME-LAB-2N3251 Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
BSX36 SEME-LAB-BSX36 Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
BC478A SEME-LAB-BC478A Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
2N2411X SEME-LAB-2N2411X Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
2N3965 SEME-LAB-2N3965 Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
2N3250X SEME-LAB-2N3250X Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
2N869A SEME-LAB-2N869A Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com