Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962F0253602V9A Datasheet(PDF) 4 Page - STMicroelectronics

Part # 5962F0253602V9A
Description  Rad-hard positive fixed voltage regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

5962F0253602V9A Datasheet(HTML) 4 Page - STMicroelectronics

  5962F0253602V9A Datasheet HTML 1Page - STMicroelectronics 5962F0253602V9A Datasheet HTML 2Page - STMicroelectronics 5962F0253602V9A Datasheet HTML 3Page - STMicroelectronics 5962F0253602V9A Datasheet HTML 4Page - STMicroelectronics 5962F0253602V9A Datasheet HTML 5Page - STMicroelectronics 5962F0253602V9A Datasheet HTML 6Page - STMicroelectronics 5962F0253602V9A Datasheet HTML 7Page - STMicroelectronics 5962F0253602V9A Datasheet HTML 8Page - STMicroelectronics 5962F0253602V9A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pin configuration
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
4/19
Doc ID 10004 Rev 11
2
Pin configuration
Figure 3.
Pin configuration (top view for Flat-16, bottom view for SMD.5)
TO-257
SMD.5
Flat-16
Table 1.
Pin description
Pin name
Flat-16
SMD.5
TO-257
VO
1, 2, 6, 7
1
3
VI
3, 4, 5
2
1
GND
13
3
2
ISC
8
OCM
10
INHIBIT
14
SENSE
16
NC
9, 11, 12, 15


Similar Part No. - 5962F0253602V9A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
5962F0253602V9A STMICROELECTRONICS-5962F0253602V9A Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
More results

Similar Description - 5962F0253602V9A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_V01 Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15_V01 Datasheet
1Mb / 32P
   1.5 V rad-hard positive fixed voltage regulator
Rev 1 December 2015
RHFL4913 STMICROELECTRONICS-RHFL4913 Datasheet
185Kb / 11P
   RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
   Rad-Hard Adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
   Rad-hard adjustable positive voltage regulator
logo
Anaren Microwave
MSK5953RH ANAREN-MSK5953RH Datasheet
1Mb / 9P
   RAD HARD DUAL POSITIVE LDO ADJ VOLTAGE REGULATOR
logo
STMicroelectronics
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
   2 A rad-hard adjustable positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com