Electronic Components Datasheet Search |
|
RHFL4913XX33 Datasheet(PDF) 8 Page - STMicroelectronics |
|
RHFL4913XX33 Datasheet(HTML) 8 Page - STMicroelectronics |
8 / 19 page Device description RHFL4913XX25, RHFL4913XX33, RHFL4913XX50 8/19 Doc ID 10004 Rev 11 5 Device description The RHFL4913 fixed voltage contains a PNP type power element controlled by a signal resulting from amplified comparison between the internal temperature compensated band- gap cell and the fraction of the desired output voltage value. This fractional value is obtained from an internal-to-die resistor divider bridge set by STMicroelectronics. The device is protected by several functional blocks. 5.1 Low pin count package limitations Some functions (INHIBIT, OCM, SENSE) are not available due to lack of pins. Corresponding die pads are by default connected inside silicon. 5.2 SENSE pin The load voltage is applied by a Kelvin line connected to SENSE pin: Voltage feed-back comes from the internal divider resistor bridge. Therefore possible output voltages are set by manufacturer mask metal options. SENSE pin is not available in 3pin packages. 5.3 Inhibit ON-OFF control By setting INHIBIT pin TTL-high, the device switches off the output current and voltage. The device is ON when INHIBIT pin is set low. Since INHIBIT pin is internally pulled down, it can be left floating in case inhibit function is not utilized. INHIBIT pin is not available in 3pin packages. 5.4 Overtemperature protection A temperature detector internally monitors the power element junction temperature. The device goes OFF at approx. 175 °C, returning to ON mode when back to approx. 40 °C. It is worth noting that when the internal temperature detector reaches 175 °C, the active power element can be at 225 °C: device reliability cannot be granted in case of extensive operation under these conditions. 5.5 Overcurrent protection ISC pin. An internal non-fold back short-circuit limitation is set with ISHORT > 3.8 A (VO is 0 V). This value can be reduced by an external resistor connected between ISC pin and VI pin, with a typical value range of 25 k Ω to 200 kΩ. This adjustment feature is not available in 3 pin packages. To keep excellent VO regulation, it is necessary to set ISHORT 1.6 times greater than the maximum desired application IO. When IO reaches ISHORT – 300 mA, the current limiter overrules regulation and VO starts to drop and the OCM flag is risen. When no current limitation adjustment is required, ISC pin must be left unbiased (as it is in 3 pin packages). |
Similar Part No. - RHFL4913XX33 |
|
Similar Description - RHFL4913XX33 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |