Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5819-1 Datasheet(PDF) 1 Page - Sensitron

Part # 1N5819-1
Description  HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

1N5819-1 Datasheet(HTML) 1 Page - Sensitron

  1N5819-1 Datasheet HTML 1Page - Sensitron 1N5819-1 Datasheet HTML 2Page - Sensitron 1N5819-1 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 West Industry Court
Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• World Wide Web - www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 193, REV. C
HERMETIC AXIAL LEAD / MELF
SCHOTTKY BARRIER DIODE
DESCRIPTION: A 45 VOLT, 1.0 AMP, AXIAL LEAD/SURFACE MOUNT SCHOTTKY BARRIER DIODE.
MAXIMUM RATINGS
All ratings are at TA = 25
oC unless otherwise specified.
RATING
CONDITIONS
MIN
TYP
MAX
UNIT
Peak Inverse Voltage
(PIV)
-
-
45
Vdc
Average DC Output
Current (Io)
-
-
1.0
Amps
Peak Single Cycle Surge
Current (Ifsm)
tp = 8.3 ms Single Half
Cycle Sine Wave,
Superimposed On
Rated Load
-
-
25
Amps(pk)
Thermal Resistance (θJL)
Junction to Lead
d = 0.375”
-
-
70
°C/W
Thermal Resistance (
θ
JEC)
Junction to Endcap
-
-
40
°C/W
Junction Temperature (TJ)
-
-55
-
+125
°C
Operating Temperature
(Top)
-
-55
-
+125
°C
Storage Temp. (Tstg)
-
-55
-
+150
°C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
CONDITIONS
MIN
TYP
MAX
UNIT
Maximum Forward
Voltage (Vf)
IF = 1.0A (300 µsec
pulse, duty cycle <
2%)
-
-
0.49
Volts
Maximum Instantaneous
Reverse Current At Rated
(PIV)
TA = 25° C
TA = 100° C
-
-
0.05
4.0
µAmps
mAmps
Junction Capacitance (CJ)
VR = 5 Vdc
0.01
≤ f ≤ 1MHz
Vsig = 15 mV p-p
-
-
70
pF
Notes: - All ratings are at TA = 25°C unless otherwise specified.
- Maximum storage temperature range: -55
°C to +150°C.
- Maximum operating temperature range: -55
°C to +125°C (1N5819-1, 1N5819UR-1).
← Derate linearly at 4.5 V/°C above T
L or TEC = +100°C (1N5819-1), where TEC is at L = .375 inch.
↑ Derate linearly at 14 mA/°C above T
L or TEC = +55°C (1N5819-1), where TEC is at L = .375 inch.
1N5819-1
1N5819UR-1
JAN
JANTX
JANTXV


Similar Part No. - 1N5819-1

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N5819-1 SENSITRON-1N5819-1 Datasheet
88Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
logo
Microsemi Corporation
1N5819-1 MICROSEMI-1N5819-1 Datasheet
434Kb / 6P
   1 Amp Schottky Barrier Rectifiers
Rev. 1
logo
Nanjing International G...
1N5819-1A-DO-41 DGNJDZ-1N5819-1A-DO-41 Datasheet
206Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - 1N5819-1

ManufacturerPart #DatasheetDescription
logo
Sensitron
SS5819-1 SENSITRON-SS5819-1_08 Datasheet
48Kb / 3P
   HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE
SS5819-1 SENSITRON-SS5819-1 Datasheet
55Kb / 3P
   HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE
1N5619 SENSITRON-1N5619 Datasheet
142Kb / 3P
   HERMETIC AXIAL LEAD/MELF RECTIFIER
1N5806 SENSITRON-1N5806 Datasheet
47Kb / 2P
   HERMETIC AXIAL / MELF LEAD RECTIFIER
1N5819-1 SENSITRON-1N5819-1 Datasheet
88Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5614 SENSITRON-1N5614_10 Datasheet
54Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5614 SENSITRON-1N5614 Datasheet
79Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5614 SENSITRON-1N5614_09 Datasheet
54Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N6628 SENSITRON-1N6628 Datasheet
58Kb / 3P
   HERMETIC ULTRAFAST RECTIFIER AXIAL LEAD / SURFACE MOUNT (MELF)
1N5807 SENSITRON-1N5807_10 Datasheet
43Kb / 3P
   HERMETIC AXIAL / MELF HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com