Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5807US Datasheet(PDF) 1 Page - Sensitron

Part # 1N5807US
Description  HERMETIC AXIAL / MELF HIGH EFFICIENCY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

1N5807US Datasheet(HTML) 1 Page - Sensitron

  1N5807US Datasheet HTML 1Page - Sensitron 1N5807US Datasheet HTML 2Page - Sensitron 1N5807US Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
221 West Industry Court Deer Park, NY 11729-4681 Phone (631) 586 7600 Fax (631) 242 9798 •
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 127, REV.H.2
HERMETIC AXIAL / MELF HIGH EFFICIENCY RECTIFIER
• Hermetic, non-cavity glass package
• Metallurgically bonded
• Physical dimensions: Axial lead similar to E package and surface mount similar to D-5B
• Operating and Storage Temperature: -65oC to +175o
MAX. RATINGS / ELECTRICAL CHARACTERISTICS
All ratings are at TA = 25
oC unless otherwise specified.
SJ
SX
SV
1N5807 / US
1N5809 / US
1N5811 / US
Rating
Symbol
Condition
Max
Units
WORKING PEAK REVERSE VOLTAGE
1N5807 / US
1N5809 / US
1N5811 / US
VWM
50
100
150
Volts
AVERAGE RECTIFIED FORWARD CURRENT
Io
TL= 75
oC
6.0
Amps
AVERAGE RECTIFIED FORWARD CURRENT
Io
TA= 55
oC
3.0
Amps
PEAK FORWARD SURGE CURRENT
IFSM
Tp=8.3ms
125
A(pk)
MAXIMUM REVERSE CURRENT
IR @ VRWM
Tj = 25
oC
5.0
μAmps
MAXIMUM REVERSE CURRENT
IR @ VRWM
Tj = 125
oC
525
μAmps
MAX. PEAK FORWARD VOLTAGE (PULSED)
300
μsec pulse, duty cycle < 2%
VFM
IFM=4.0A
IFM=6.0A
0.875
0.925
Volts
MAXIMUM REVERSE RECOVERY TIME
Trr
IF=IRM=0.5A
IREC=0.05A
30
ns
FORWARD RECOVERY VOLTAGE
VFRM
IF=500mA
tr=8ns
2.2
Volts
THERMAL RESISTANCE (Axial)
1N5807 thru 1N5811
R
θ
JL
L=.375
22
oC/W
THERMAL RESISTANCE (MELF)
1N5807US thru 1N5811US
R
θ
JC
L=0
6.5
oC/W


Similar Part No. - 1N5807US

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N5807US SENSITRON-1N5807US Datasheet
42Kb / 2P
   HIGH EFFICIENTCY AXIAL LEAD RECTIFIERS
logo
Microsemi Corporation
1N5807US MICROSEMI-1N5807US Datasheet
399Kb / 3P
   SURFACE MOUNT VOIDLESSHERMETICALLY- SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
logo
Semtech Corporation
1N5807US SEMTECH-1N5807US Datasheet
110Kb / 2P
   Superfast Recovery Diodes Surface Mount (US)
logo
Microsemi Corporation
1N5807US MICROSEMI-1N5807US Datasheet
166Kb / 3P
   SURFACE MOUNT VOIDLESSHERMETICALLY-SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
logo
EIC discrete Semiconduc...
1N5807US EIC-1N5807US Datasheet
100Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER DIODES
More results

Similar Description - 1N5807US

ManufacturerPart #DatasheetDescription
logo
Sensitron
SS5807 SENSITRON-SS5807 Datasheet
43Kb / 3P
   HERMETIC AXIAL / MELF HIGH EFFICIENTCY RECTIFIER
1N5619 SENSITRON-1N5619 Datasheet
142Kb / 3P
   HERMETIC AXIAL LEAD/MELF RECTIFIER
1N5806 SENSITRON-1N5806 Datasheet
47Kb / 2P
   HERMETIC AXIAL / MELF LEAD RECTIFIER
1N5614 SENSITRON-1N5614_10 Datasheet
54Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5819-1 SENSITRON-1N5819-1 Datasheet
88Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5614 SENSITRON-1N5614 Datasheet
79Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5614 SENSITRON-1N5614_09 Datasheet
54Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N6628 SENSITRON-1N6628 Datasheet
58Kb / 3P
   HERMETIC ULTRAFAST RECTIFIER AXIAL LEAD / SURFACE MOUNT (MELF)
1N5819-1 SENSITRON-1N5819-1_08 Datasheet
59Kb / 3P
   HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE
SS5819-1 SENSITRON-SS5819-1_08 Datasheet
48Kb / 3P
   HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com