Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4625 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LA4625
Description  Two-Channel 13.5 W BTL Audio Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4625 Datasheet(HTML) 7 Page - Sanyo Semicon Device

  LA4625 Datasheet HTML 1Page - Sanyo Semicon Device LA4625 Datasheet HTML 2Page - Sanyo Semicon Device LA4625 Datasheet HTML 3Page - Sanyo Semicon Device LA4625 Datasheet HTML 4Page - Sanyo Semicon Device LA4625 Datasheet HTML 5Page - Sanyo Semicon Device LA4625 Datasheet HTML 6Page - Sanyo Semicon Device LA4625 Datasheet HTML 7Page - Sanyo Semicon Device LA4625 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
No. 6631-7/8
LA4625
0
--20
--40
--60
--80
--100
--120
4
8
7
6
12
10
16
14
20
18
22
SVRR — VCC
ICCO — VCC
ILA00362
ILA00365
0
--20
--40
--60
--80
--100
0
0.8
0.6
0.4
0.2
1.0
1.4
1.2
1.6
2.0
1.8
10
3
5 7
2
100
3
5 7
2
1k
3
5 7
2
10k
100k
3
5 7
2
0
12
8
4
16
24
20
28
36
32
ILA00364
SVRR — fR
0
--20
--60
--40
--80
--100
180
120
140
160
80
60
100
20
40
0
SVRR — VCCR
ILA00363
3
5
7
2
1.0
3
5
7
2
10
100
3
5
7
2
0.1
3
5
7
2
1.0
10
Pd, ICC — PO
ILA00367
0.1
2
3
5
7 1.0
2
3
5
7 10
100
2
3
5
7
12
10
8
6
4
2
0
VN — VCC
ILA00366
35
30
0
5
10
15
20
25
1.0
0.8
0.6
0.4
0.2
0
Amp ON time
ILA00368
1.0
2
3
5
7
10
100
2
3
5
7
Rg = 0
fR = 100 Hz
VCCR = 0 dBm
OUT2
OUT1
OUT2
OUT1
100 Hz OUT1
3 kHz OUT2
3 kHz OUT1
100 Hz OUT2
V CC
= 15
V
VCC
= 12
V
I CC
VCC = 12 V
RL = 4 Ω
RL = Open
Rg = 0
VCC = 12 V
VST = 5 V
RL = 4 Ω
Rg = 0
VCC = 12 V
RL = 4 Ω
Rg = 0
VCCR = 0 dBm
RL = 4 Ω
Rg = 600
f = 1 kHz
SVRR = 20 log
VO
VCCR
Supply voltage, VCC — V
Power supply ripple, VCCR — Vrms
Ripple frequency, fR — Hz
Supply voltage, VCC — V
Supply voltage, VCC — V
Output power, PO — W/ch
C3 — µF


Similar Part No. - LA4625

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4625 ONSEMI-LA4625 Datasheet
234Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
May, 2013
LA4625-E ONSEMI-LA4625-E Datasheet
200Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625_08 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
LA4625 SANYO-LA4625_10 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
More results

Similar Description - LA4625

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
   Two-Channel 20 W BTL Audio Power Amplifier
LA4663 SANYO-LA4663 Datasheet
113Kb / 10P
   Two-Channel 16-W BTL General-Purpose Audio Power Amplifier
LA4632 SANYO-LA4632 Datasheet
78Kb / 8P
   10 W Two-Channel BTL AF Power Amplifier for Audio Applications
logo
Hitachi Semiconductor
HA13118 HITACHI-HA13118 Datasheet
50Kb / 8P
   18 W BTL Audio Power Amplifier
logo
Panasonic Semiconductor
AN7511 PANASONIC-AN7511 Datasheet
160Kb / 9P
   1-W BTL audio power amplifier
AN7164 PANASONIC-AN7164 Datasheet
39Kb / 3P
   30 W BTL audio power amplifier
logo
NXP Semiconductors
SA58631 NXP-SA58631 Datasheet
130Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
logo
Sanyo Semicon Device
LA47536 SANYO-LA47536 Datasheet
83Kb / 7P
   Four-Channel 45 W BTL Car Audio Power Amplifier
logo
NXP Semiconductors
SA58631 PHILIPS-SA58631 Datasheet
373Kb / 19P
   3 W BTL audio amplifier
Rev. 01-1 December 2005
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com