Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6173AUS Datasheet(PDF) 1 Page - Sensitron

Part # 1N6173AUS
Description  Transient Voltage Suppressor Diode, 1500W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

1N6173AUS Datasheet(HTML) 1 Page - Sensitron

  1N6173AUS Datasheet HTML 1Page - Sensitron 1N6173AUS Datasheet HTML 2Page - Sensitron 1N6173AUS Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 5072, REV. –
Transient Voltage Suppressor Diode, 1500W
• Hermetic, non-cavity glass package
• Metallurgically bonded
• Operating and Storage Temperature: -55oC to +175oC
SJ
SX
SV
SERIES
TYPE
MIN
BREAKDOWN
VOLTAGE
V(BR) @ I(BR)
WORKING
PEAK REVERSE
VOLTAGE
VRWM
MAXIMUM
REVERSE
CURRENT
IR1
MAX. CLAMP.
VOLTAGE
VC @ IP
tp = 1ms
MAX. PEAK
PULSE
CURRENT
IP
MAX. TEMP.
COEFFICIENT
V(BR)
1500W
Vdc
mA dc
Vdc
µAdc
V(pk)
A(pk)
% /
°C
1N6138A/US
6.12
175
5.2
500
10.5
142.8
.05
1N6139A/US
7.13
175
5.7
300
11.2
133.9
.06
1N6140A/US
7.79
150
6.2
100
12.1
124.0
.06
1N6141A/US
8.65
150
6.9
100
13.4
111.9
.06
1N6142A/US
9.50
125
7.6
100
14.5
103.4
.07
1N6143A/US
10.45
125
8.4
20
15.6
96.2
.07
1N6144A/US
11.40
100
9.1
20
16.9
88.8
.07
1N6145A/US
12.35
100
9.9
20
18.2
82.4
.08
1N6146A/US
14.25
75
11.4
20
21.0
71.4
.08
1N6147A/US
15.20
75
12.2
20
22.3
67.3
.08
1N6148A/US
17.10
65
13.7
10
25.1
59.8
.085
1N6149A/US
19.00
65
15.2
5.0
27.7
54.2
.085
1N6150A/US
20.9
50
16.7
5.0
30.5
49.2
.085
1N6151A/US
22.8
50
18.2
5.0
33.3
45.0
.09
1N6152A/US
25.7
50
20.6
5.0
37.4
40.1
.09
1N6153A/US
28.5
40
22.8
5.0
41.6
36.0
.09
1N6154A/US
31.4
40
25.1
5.0
45.7
32.8
.095
1N6155A/US
34.2
30
27.4
5.0
49.9
30.1
.095
1N6156A/US
37.1
30
29.7
5.0
53.6
28.0
.095
1N6157A/US
40.9
30
32.7
5.0
59.1
25.4
.095
1N6158A/US
44.7
25
35.8
5.0
64.6
23.2
.095
1N6159A/US
48.5
25
38.8
5.0
70.1
21.4
.095
1N6160A/US
53.2
20
42.6
5.0
77.0
19.5
.095
1N6161A/US
58.9
20
47.1
5.0
85.3
17.6
.100
1N6162A/US
64.6
20
51.7
5.0
97.1
15.4
.100
1N6163A/US
71.3
20
56.0
5.0
103.1
14.5
.100
1N6164A/US
77.9
15
62.2
5.0
112.8
13.3
.100
1N6165A/US
86.5
15
69.2
5.0
125.1
12.0
.100
1N6166A/US
95.0
12
76.0
5.0
137.6
10.9
.100
1N6167A/US
104.5
12
83.6
5.0
151.3
9.9
.100
1N6168A/US
114.0
10
91.2
5.0
165.1
9.1
.100
1N6169A/US
123.5
10
98.8
5.0
178.8
8.4
.105
1N6170A/US
142.5
8.0
114.0
5.0
206.3
7.3
.105
1N6171A/US
152
8.0
121.6
5.0
218.4
6.9
.105
1N6172A/US
171
5.0
136.8
5.0
245.7
6.1
.110
1N6173A/US
190
5.0
152.0
5.0
273.0
5.5
.110
1N6138A/US thru 1N6173A/US


Similar Part No. - 1N6173AUS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6173AUS SEMTECH-1N6173AUS Datasheet
119Kb / 4P
   1500W Bipolar Transient Voltage Suppressor Surface Mount (US)
logo
Microsemi Corporation
1N6173AUS MICROSEMI-1N6173AUS Datasheet
513Kb / 7P
   Voidless Hermetically Sealed Surface Mount Bidirectional Transient Voltage Suppressors
More results

Similar Description - 1N6173AUS

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com