Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6349US Datasheet(PDF) 1 Page - Sensitron

Part # 1N6349US
Description  ZENER 500mW VOLTAGE REGULATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

1N6349US Datasheet(HTML) 1 Page - Sensitron

  1N6349US Datasheet HTML 1Page - Sensitron 1N6349US Datasheet HTML 2Page - Sensitron 1N6349US Datasheet HTML 3Page - Sensitron 1N6349US Datasheet HTML 4Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 5102, REV. -
ZENER 500mW VOLTAGE REGULATOR
PACKAGE STYLE: Zener 500mW (Suffix “US” denotes melf/surface mount packaging)
-All ratings are @ Tc = 25 °C unless otherwise specified.
-Operating -55 °C to +175 °C and storage -65 °C to +175 °C
SJ
SX
SV
1N6309 to 1N6355
1N6309US to 1N6355US
Type
VZ2
nom
at IZ2
VZ1
IZ1
250 μA
IZ2
test
current
ZZT
at
IZ2
ZZK
at
250 μA
IZM
VZ(reg)
VR
IR1
at
+25°C
IR2
at TA =
+150°C
αvz
V
minV
mA
mA
V
V
μA
μA
%/
°C
1N6309
2.4
1.1
20
30
1200
177
1.50
1.0
100
200
-.085
1N6310
2.7
1.2
20
3029
1300
157
1.50
1.0
60
150
-.080
1N6311
3.0
1.3
20
27
1400
141
1.50
1.0
30
100
-.075
1N6312
3.3
1.5
20
25
1400
128
1.60
1.0
5
20
-.070
1N6313
3.6
1.5
20
23
1400
117
1.60
1.0
3
12
-.065
1N6314
3.9
1.8
20
20
1700
108
1.60
1.0
2
12
-.060
1N6315
4.3
2.0
20
17
1700
99
0.90
1.0
2
12
-.045
/+.032
1N6316
4.7
2.4
20
14
1500
90
0.50
1.5
5
12
-.028
/+.032
1N6317
5.1
2.8
20
8
1300
83
0.40
2.0
5
12
-
.020/+.
035
1N6318
5.6
3.3
20
3
1200
76
0.40
2.5
5
10
+.050
1N6319
6.2
4.3
20
3
800
68
0.30
3.5
5
10
+.060
1N6320
6.8
6.0
20
3
400
63
0.35
4.0
2
50
+.062
1N6321
7.5
6.6
20
4
400
57
0.40
5.0
2
30
+.068
1N6322
8.2
7.5
20
5
400
52
0.40
6.0
1
10
+.075
1N6323
9.1
8.4
20
6
500
47
0.50
7.0
1.00
10
+.076
1N6324
10.0
9.1
20
6
500
43
0.50
8.0
1.00
10
+.079
1N6325
11.0
10.0
20
7
550
39
0.50
8.5
1.00
10
+.082
1N6326
12.0
11.0
20
7
550
35
0.55
9.0
1.00
10
+.083
1N6327
13.0
11.9
9.5
8
550
33
0.55
9.9
0.05
10
+.083
1N6328
15.0
13.8
8.5
10
600
28
0.70
11.0
0.05
10
+.084
1N6329
16.0
14.7
7.8
12
600
27
0.75
12.0
0.05
10
+.084
1N6330
18.0
16.6
7.0
14
600
24
0.85
14.0
0.05
10
+.085
1N6331
20.0
18.5
6.2
18
500
21
0.95
15.0
0.05
10
+.086
1N6332
22.0
20.4
5.6
20
500
19
1.05
17.0
0.05
10
+.087
1N6333
24.0
22.3
5.2
24
500
18
1.15
18.0
0.05
10
+.088
1N6334
27.0
25.2
4.6
27
500
16
1.30
21.0
0.05
10
+.090
1N6335
30.0
28.0
4.2
32
500
14
1.45
23.0
0.05
10
+.091
1N6336
33.0
30.9
3.8
40
600
13
1.60
25.0
0.05
10
+.092
1N6337
36.0
33.7
3.4
50
600
12.0
1.75
27.0
0.05
10
+.093
1N6338
39.0
36.6
3.2
55
700
11.0
1.90
30
0.05
10
+.094
1N6339
43.0
40.4
3.0
65
800
9.9
2.10
33
0.05
10
+.095
1N6340
47.0
44.2
2.7
75
900
9.0
2.25
36
0.05
10
+.095


Similar Part No. - 1N6349US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6349US MICROSEMI-1N6349US Datasheet
461Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
1N6349US MICROSEMI-1N6349US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
More results

Similar Description - 1N6349US

ManufacturerPart #DatasheetDescription
logo
Seme LAB
1N5221-LCC3 SEME-LAB-1N5221-LCC3 Datasheet
80Kb / 2P
   500mW ZENER VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
BZV79C2V0 TSC-BZV79C2V0 Datasheet
138Kb / 2P
   500mW Surface Mount Zener Voltage Regulator
BZV79C2V4 TSC-BZV79C2V4 Datasheet
152Kb / 2P
   500mW Surface Mount Zener Voltage Regulator
logo
AiT Semiconductor Inc.
BZT52C2V0 AITSEMI-BZT52C2V0 Datasheet
405Kb / 6P
   ZENER DIODE 500mW, ZENER VOLTAGE 2.0V TO 75V
REV2.0
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
   500mW Zener Diode
logo
Zibo Seno Electronic En...
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
   500mW ZENER DIODE
logo
Digitron Semiconductors
1N5985 DIGITRON-1N5985 Datasheet
142Kb / 2P
   500mW ZENER DIODES
logo
Microsemi Corporation
1N6320 MICROSEMI-1N6320 Datasheet
132Kb / 2P
   500mW ZENER DIODES
1N5518BUR MICROSEMI-1N5518BUR_08 Datasheet
123Kb / 2P
   ZENER DIODE, 500mW
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com