Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB80NF03L-04T4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB80NF03L-04T4
Description  N-channel 30 V, 0.0035 廓, 80 A D2PAK STripFET??II Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80NF03L-04T4 Datasheet(HTML) 4 Page - STMicroelectronics

  STB80NF03L-04T4_09 Datasheet HTML 1Page - STMicroelectronics STB80NF03L-04T4_09 Datasheet HTML 2Page - STMicroelectronics STB80NF03L-04T4_09 Datasheet HTML 3Page - STMicroelectronics STB80NF03L-04T4_09 Datasheet HTML 4Page - STMicroelectronics STB80NF03L-04T4_09 Datasheet HTML 5Page - STMicroelectronics STB80NF03L-04T4_09 Datasheet HTML 6Page - STMicroelectronics STB80NF03L-04T4_09 Datasheet HTML 7Page - STMicroelectronics STB80NF03L-04T4_09 Datasheet HTML 8Page - STMicroelectronics STB80NF03L-04T4_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STB80NF03L-04T4
4/13
Doc ID 8479 Rev 4
2
Electrical characteristics
(TCASE=25 °C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 250 µA, VGS = 0
30
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = max rating
VDS = max rating @125 °C
1
10
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ±20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
1
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID = 40 A
VGS = 4.5 V, ID = 40 A
0.0035
0.004
0.004
0.0055
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward transconductance
VDS = 15 V , ID = 15 A
-
50
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0
-
5500
1670
290
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 24 V, ID = 80 A,
VGS = 4.5 V
Figure 15
-
85
23
40
110
nC
nC
nC


Similar Part No. - STB80NF03L-04T4_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80NF03L-04T4 STMICROELECTRONICS-STB80NF03L-04T4 Datasheet
360Kb / 11P
   N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STB80NF03L-04T4 STMICROELECTRONICS-STB80NF03L-04T4 Datasheet
363Kb / 11P
   N-CHANNEL 30V - 0.0035 W - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
More results

Similar Description - STB80NF03L-04T4_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB76NF80 STMICROELECTRONICS-STB76NF80 Datasheet
673Kb / 13P
   N-channel 80 V, 0.0095 廓, 80 A D2PAK STripFET??II Power MOSFET
STK28N3LLH5 STMICROELECTRONICS-STK28N3LLH5 Datasheet
336Kb / 13P
   N-channel 30 V, 0.0035 廓, 28 A, PolarPAK짰 STripFET?줧 Power MOSFET
STB85NF55L STMICROELECTRONICS-STB85NF55L_09 Datasheet
937Kb / 14P
   N-channel 55 V, 0.0060 廓, 80 A, TO-220, D2PAK STripFET??II Power MOSFET
STD100N3LF3 STMICROELECTRONICS-STD100N3LF3_09 Datasheet
337Kb / 14P
   N-channel 30 V, 0.0045 廓, 80 A, DPAK planar STripFET??II Power MOSFET
STB85NF55 STMICROELECTRONICS-STB85NF55_09 Datasheet
951Kb / 15P
   N-channel 55 V, 0.0062 廓, 80 A, TO-220, D2PAK, I2PAK STripFET??II Power MOSFET
STB150NF04 STMICROELECTRONICS-STB150NF04 Datasheet
395Kb / 11P
   N-channel 40 V - 0.005 廓 - 80 A - D2PAK STripFET?줚I Power MOSFET
STP200N4F3 STMICROELECTRONICS-STP200N4F3 Datasheet
319Kb / 14P
   N-channel 40V - 0.0035廓 - 120A - D2PAK - TO-220 planar STripFET??Power MOSFET
STB80NF10 STMICROELECTRONICS-STB80NF10_09 Datasheet
585Kb / 14P
   N-channel 100 V, 0.012 廓, 80 A, TO-220, D2PAK low gate charge STripFET??II Power MOSFET
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04_03 Datasheet
363Kb / 11P
   N-CHANNEL 30V - 0.0035 W - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STI55NF03L STMICROELECTRONICS-STI55NF03L Datasheet
448Kb / 12P
   N-channel 30 V, 0.01 廓, 55 A, I짼PAK STripFET??II Power MOSFET
May 2011 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com