Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD060SA60A Datasheet(PDF) 1 Page - Sensitron

Part # SD060SA60A
Description  SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SD060SA60A Datasheet(HTML) 1 Page - Sensitron

  SD060SA60A_10 Datasheet HTML 1Page - Sensitron SD060SA60A_10 Datasheet HTML 2Page - Sensitron SD060SA60A_10 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SENSITRON
SEMICONDUCTOR
©2004 Sensitron Semiconductor
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• www.sensitron.com • sales@sensitron.com •
SD060SA60A/B
Technical Data
Data Sheet 4947, Rev. A
SILICON SCHOTTKY RECTIFIER DIE
Very Low Forward Voltage Drop (150
°C T
J Operation)
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Soft Reverse Recovery at Low and High Temperature
Very Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Electrically / Mechanically Stable during and after Packaging
Maximum Ratings
(1):
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
60
V
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form
3
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave
(1)
55
A
Non-Repetitive Avalanche
Energy
EAS
TJ = 25 °C, IAS = 1.3 A,
L = 10 mH
8.6
mJ
Repetitive Avalanche Current
IAR
IAS decay linearly to 0 in 1 μs
ƒ limited by T
J max VA=1.5VR
1.3
A
Max. Junction Temperature
TJ
-
-65 to +150
°C
Max. Storage Temperature
Tstg
-
-65 to +150
°C
Electrical Characteristics
(1):
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 3A, Pulse, TJ = 25 °C
0.60
V
VF2
@ 3A, Pulse, TJ = 125 °C
0.55
V
Max. Reverse Current
IR1
@VR = 60V, Pulse,
TJ = 25 °C
400
μA
IR2
@VR = 60V, Pulse,
TJ = 125 °C
28
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz,
VSIG = 50mV (p-p)
160
pF
(1) in SHD package


Similar Part No. - SD060SA60A_10

ManufacturerPart #DatasheetDescription
logo
Sensitron
SD060SA60A SENSITRON-SD060SA60A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 C TJ Operation)
More results

Similar Description - SD060SA60A_10

ManufacturerPart #DatasheetDescription
logo
Sensitron
SD200SA60A SENSITRON-SD200SA60A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD125SA60A SENSITRON-SD125SA60A Datasheet
188Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD090SA60A SENSITRON-SD090SA60A Datasheet
63Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD175SA60A SENSITRON-SD175SA60A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD125SA45A SENSITRON-SD125SA45A Datasheet
188Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD040SA60A SENSITRON-SD040SA60A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD275SA45A SENSITRON-SD275SA45A Datasheet
181Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD040SA60A SENSITRON-SD040SA60A_10 Datasheet
44Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD060SA45A SENSITRON-SD060SA45A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 C TJ Operation)
SD040SA45A SENSITRON-SD040SA45A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 C TJ Operation)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com