Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD114623B Datasheet(PDF) 2 Page - Sensitron

Part # SHD114623B
Description  POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD114623B Datasheet(HTML) 2 Page - Sensitron

  SHD114623B Datasheet HTML 1Page - Sensitron SHD114623B Datasheet HTML 2Page - Sensitron SHD114623B Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
TECHNICAL DATA
DATA SHEET 4121, REV. B
MECHANICAL DIMENSIONS: In Inches / mm
PINOUT TABLE
TYPE
PIN 1 (Base)
PIN 2
SINGLE RECTIFIER
CATHODE
ANODE
Note: The Vf curves are for unpackaged die only
Typical Reverse Characteristics
0
10
20
304050
60
Reverse Voltage - V
R (V)
10-2
10-1
100
101
102
103
125 °C
100 °C
75 °C
50 °C
25 °C
0.0
0.2
0.4
0.6
0.8
Forward Voltage Drop - V
F (V)
10-1
100
101
102
Typical Forward Characteristics
125 °C
25 °C
1500
2000
2500
3000
3500
4000
4500
0
10
203040
50
60
Reverse Voltage - V
R (V)
Typical Junction Capacitance
SHD114623
SHD114623A
SHD114623B
.200±.010
(5.08 ±.254)
.410±.010
(10.4±.254)
.075 (1.91) Max
Alumina Ring
.410±.010
(10.4±.254)
.550±.020
(14.0±.508)
Moly Lid
Moly Base
(Cathode)
.060±.010
(1.52±.254)
.020±.002
(.508±.051)
.020±.005 R
(.508±.127 )
Moly Anode
.075 (1.91) Max
.410±.010
(10.4±.254)
Moly Lid
Moly Base
.410±.010
(10.4±.254)
Alumina Ring
.090 (2.29) Max
Alumina Ring
Moly Base
(Cathode)
.060±.010
(1.52±.254)
.015±.002
(.381±.051)
.020±.005 R
(.508±.127 )
.410±.010
(10.4±.254)
.150±.010
(3.81±.254)
.560±.020
(14.2±.508)
.410±.010
(10.4±.254)
.015±.005
(.381±.127)
Copper Anode
SHD-3
SHD-3A
SHD-3B


Similar Part No. - SHD114623B

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD114623B SENSITRON-SHD114623B Datasheet
54Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
More results

Similar Description - SHD114623B

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD115413 SENSITRON-SHD115413_11 Datasheet
96Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116211 SENSITRON-SHD116211 Datasheet
156Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD114623 SENSITRON-SHD114623 Datasheet
54Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD124524 SENSITRON-SHD124524_11 Datasheet
63Kb / 2P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD115413 SENSITRON-SHD115413 Datasheet
157Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD114211 SENSITRON-SHD114211 Datasheet
84Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD117212P SENSITRON-SHD117212P Datasheet
87Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116212 SENSITRON-SHD116212 Datasheet
162Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD124522 SENSITRON-SHD124522 Datasheet
78Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116211 SENSITRON-SHD116211_08 Datasheet
41Kb / 3P
   POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com