Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFMC28-461F Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # SFMC28-461F
Description  Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SFMC28-461F Datasheet(HTML) 1 Page - Interpoint Corporation Company

  SFMC28-461F Datasheet HTML 1Page - Interpoint Corporation Company SFMC28-461F Datasheet HTML 2Page - Interpoint Corporation Company SFMC28-461F Datasheet HTML 3Page - Interpoint Corporation Company SFMC28-461F Datasheet HTML 4Page - Interpoint Corporation Company SFMC28-461F Datasheet HTML 5Page - Interpoint Corporation Company SFMC28-461F Datasheet HTML 6Page - Interpoint Corporation Company SFMC28-461F Datasheet HTML 7Page - Interpoint Corporation Company SFMC28-461F Datasheet HTML 8Page - Interpoint Corporation Company SFMC28-461F Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Description
The SFMC28-461™ EMI filters provide an off-the-shelf filtering
solution compliant to MIL-PRF-38534, Class H or Class K,
for use in your space system. SFMC28-461 filters reduce
the input line reflected ripple current of our switching DC/DC
converters. Use an SFMC28-461 filter with our SMTR, SMHF
and SMSA series of DC/DC converters to meet MIL-STD-461C
levels of conducted emission (CE01, CE03). The SFMC filters
are designed exclusively with passive components providing
maximum tolerance for space environments.
Screening
The SFMC28-461 EMI filters offer environmental screening
levels to Space Prototype (O), Class H, or Class K requirements.
Radiation tolerant to Radiation Hardness Assurance (RHA) levels
of “-” (O) or “H”, per MIL-PRF-38534. Interpoint model numbers
use an “O” in the RHA designator position to indicate the “-”
(dash) Radiation Hardness Assurance level of MIL-PRF-38534,
which is defined as “no RHA”. See Screening Tables 1, 2 and 3
for more information.
ripple reduction
The SFMC28-461 EMI filter, when used with Interpoint’s
converters, reduces reflected input ripple current by a minimum
of 55 dB at 500 kHz and 60 dB at 1 MHz. The filter and converter
combination performance exceeds the CEO3 requirements of
MIL-STD-461C.
inSertion loSS
The maximum DC insertion loss for the SFMC28-461 filter (at
a load of 22 watts) represents a power loss of less than 2% at
nominal input voltage.
Filter deSign
SFMC28-461 filters incorporate thick-film hybrid technology and
use only high quality ceramic capacitors for reliable high temper-
ature operation.
All SFMC28-461 filters are built to the same assembly drawing
regardless of environmental screening or radiation tolerance
level. Filters designated level OO, indicating standard environ-
mental screening, are electrically comparable to filters designated
level KH, the highest environmental screening level. This ensures
consistency between your prototype or test system using level
OO filters and your flight system using filters with higher levels of
environmental screening and radiation tolerance. Element evalu-
ation (screening at the component level) of Class H or Class K
filters ensures even greater reliability. Refer to Table 1, 2 and 3
for more information.
operating temperature
The filter operates at full load over the temperature range of
-55°C to +125°C case. Above +125°C, the current must be
derated as specified on page two.
packaging
SFMC28-461 EMI filters are encased in high-reliability, hermet-
ically-sealed metal packages and weigh just 48 grams. A small
footprint of 2.100 Inches (53.34 mm) by 1.115 inches (28.32 mm)
by 0.400 inches (10.16 mm) minimizes the board area needed
for the filter.
input Voltage
and
current
Input (V)
28
Current (A)
2.7
Features
Attenuation 60 dB at 500 kHz, typical
Operating temperature -55° to +125°C
Qualified to MIL-PRF-38534 Class H and K
Passive components used for maximum tolerance
in space environments
Nominal 28 V input, 0 V to 50 V operation
Up to 2.7 A throughput current
Compliant to MIL-STD-461C CE-03
Compatible with MIL-STD-704 B-E 28 VDC power bus
Crane Aerospace & Electronics Power Solutions
sFMc28-461 eMi input Filters
Crane Aerospace & Electronics
Electronics Group (Interpoint Brand)
POBox97005•RedmondWA98073-9705
425.882.3100•power@crane-eg.com
www.interpoint.com
Page 1 of 11
SFMC28-461 Rev E - 20100628
28 Volt input – 2.7 aMp


Similar Part No. - SFMC28-461F

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
SFMC28-461F/HH CRANE-SFMC28-461F/HH Datasheet
440Kb / 11P
   SFMC28-461 EMI Input Filters
More results

Similar Description - SFMC28-461F

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMFL283R3S INTERPOINT-SMFL283R3S_10 Datasheet
787Kb / 15P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
logo
Anaren Microwave
MSK5980RH ANAREN-MSK5980RH Datasheet
408Kb / 9P
   MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
logo
Interpoint Corporation ...
FME270-461 INTERPOINT-FME270-461_10 Datasheet
920Kb / 11P
   Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
SMHF282R5S INTERPOINT-SMHF282R5S Datasheet
591Kb / 15P
   Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
MHV283R3S INTERPOINT-MHV283R3S_10 Datasheet
1Mb / 19P
   Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
   Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
   Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
logo
Advanced XTAL Products
AXIOM6060 AXTAL-AXIOM6060 Datasheet
312Kb / 14P
   Qualified according to MIL-PRF-55310 Level ?쏶?
logo
M.S. Kennedy Corporatio...
MSK032 MSK-MSK032_15 Datasheet
378Kb / 5P
   Contact MSK for MIL-PRF-38534 Qualification Status
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
   Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com