Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD116112 Datasheet(PDF) 2 Page - Sensitron

Part # SHD116112
Description  HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD116112 Datasheet(HTML) 2 Page - Sensitron

  SHD116112 Datasheet HTML 1Page - Sensitron SHD116112 Datasheet HTML 2Page - Sensitron SHD116112 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2000 Sensitron Semiconductor
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681
PHONE (631) 586-7600
• FAX (631) 242-9798 • www.sensitron.com • sales@sensitron.com
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 650, REV. B
MECHANICAL DIMENSIONS: In Inches / mm
0.0
0.2
0.4
0.6
0.8
Forward Voltage Drop - V
F (V)
10
-2
10
-1
10
0
10
1
Typical Forward Characteristics
125 °C
150 °C
25 °C
0
1020
304050
Reverse Voltage - V
R (V)
10
-3
10
-2
10
-1
10
0
10
1
10
2
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
0
102030
4050
Reverse Voltage - V
R (V)
100
150
200
250
300
350
400
Typical Junction Capacitance
SHD116112
SHD116112B
SHD-1
SHD-1B
.225 ± .010
(5.71± .254)
.075 (1 .91) M ax
A lum ina R ing
.22 5± .01 0
(5.7 1± .25 4)
Moly Lid
Moly B ase
.090 (2.29) Max
Alumina Ring
Moly Base
(Cathode)
.060±.010
(1.52±.254)
.015±.002
(.381±.051)
.020±.005 R
(.508±.127 )
.225±.010
(5.71±.254)
.150±.010
(3.81±.254)
.375±.020
(9.52±.508)
.225±.010
(5.71±.254)
.015±.005
(.381±.127)
Copper Anode


Similar Part No. - SHD116112

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD116112 SENSITRON-SHD116112 Datasheet
143Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD116112B SENSITRON-SHD116112B Datasheet
143Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
More results

Similar Description - SHD116112

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD120012 SENSITRON-SHD120012_08 Datasheet
47Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD115524 SENSITRON-SHD115524 Datasheet
150Kb / 2P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116012 SENSITRON-SHD116012 Datasheet
155Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD120012P SENSITRON-SHD120012P Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD126046 SENSITRON-SHD126046 Datasheet
83Kb / 3P
   VERY LOW VOLTAGE DROP HERMETIC POWER SCHOTTKY RECTIFIER
SHD115524 SENSITRON-SHD115524_11 Datasheet
60Kb / 2P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116012 SENSITRON-SHD116012_11 Datasheet
92Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD124511 SENSITRON-SHD124511 Datasheet
52Kb / 3P
   VERY LOW DROP HERMETIC POWER SCHOTTKY RECTIFIER
SHD119512 SENSITRON-SHD119512_11 Datasheet
58Kb / 2P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD126446 SENSITRON-SHD126446 Datasheet
43Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com