Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4743 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA4743
Description  45 W Four-Channel (Bridge Circuit) Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4743 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA4743 Datasheet HTML 1Page - Sanyo Semicon Device LA4743 Datasheet HTML 2Page - Sanyo Semicon Device LA4743 Datasheet HTML 3Page - Sanyo Semicon Device LA4743 Datasheet HTML 4Page - Sanyo Semicon Device LA4743 Datasheet HTML 5Page - Sanyo Semicon Device LA4743 Datasheet HTML 6Page - Sanyo Semicon Device LA4743 Datasheet HTML 7Page - Sanyo Semicon Device LA4743 Datasheet HTML 8Page - Sanyo Semicon Device LA4743 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Ordering number : ENN6630
O3100RM (OT) No. 6630-1/9
Overview
The LA4743B is a 45 W 4-channel power amplifier IC for
car stereo systems. It features a built-in bridge circuit and
the ability to radically reduce the number of external
components required. It is also pin compatible with the
LA4743A, which differs in the amount of gain provided.
Features
• Maximum output power: 45 W
× 4 channels
(VCC = 14.4 V, 4 Ω load, 1 kHz)
• 40 W
× 4 channels (V
CC = 13.7 V, 4 Ω load, 1 kHz)
• Requires only seven external components and does not
require an oscillation prevention RC circuit, a noise
filter, or a BS capacitor.
Functions
• Muting function
• Built-in standby switch
• Full complement of built-in protection circuits,
including protection from shorting to VCC, shorting to
ground, load shorting, overvoltages, and overheating.
Package Dimensions
unit: mm
3236-HZIP25
2.0
2.0
29.2
2.60
(1.0)
25.6
0.53
R1.7
0.4
4.5
4.0
4.0
SANYO: HZIP25
[LA4743B]
LA4743B
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
45 W Four-Channel (Bridge Circuit) Power Amplifier
Monolithic Linear IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max1
Signal present
18
V
VCC max2
No signal (for 1 minute)
26
V
Maximum output current
IOpeak
4.5/ch
A
Allowable power dissipation
Pd max
With an arbitrarily large heat sink
50
W
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–40 to +150
°C
Package thermal resistance
θjc
1
°C/W
Specifications
Maximum Ratings at Ta = 25°C


Similar Part No. - LA4743

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4743A SANYO-LA4743A Datasheet
85Kb / 9P
   45 W Four-Channel (Bridge Circuit) Power Amplifier
More results

Similar Description - LA4743

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4743A SANYO-LA4743A Datasheet
85Kb / 9P
   45 W Four-Channel (Bridge Circuit) Power Amplifier
LA4742 SANYO-LA4742 Datasheet
106Kb / 9P
   45 W Four-Channel Bridge Circuit Power Amplifier
LA47536 SANYO-LA47536 Datasheet
83Kb / 7P
   Four-Channel 45 W BTL Car Audio Power Amplifier
STK401-080 SANYO-STK401-080 Datasheet
256Kb / 9P
   AF Power Amplifier (Split Power Supply) (45 W 45 W min, THD = 0.4%)???
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
   4 x 45 W Quad bridge car radio amplifier
logo
STMicroelectronics
TDA7560A STMICROELECTRONICS-TDA7560A Datasheet
207Kb / 15P
   4 x 45 W quad bridge car radio amplifier
logo
List of Unclassifed Man...
CD7377CZ ETC2-CD7377CZ Datasheet
374Kb / 8P
   7W×4 four-channel audio power amplifier circuit Version
S-2012-04-A
logo
STMicroelectronics
TDA7492PE STMICROELECTRONICS-TDA7492PE Datasheet
740Kb / 24P
   45 W 45 W dual BTL class-D audio amplifier
November 2014 Rev 1
logo
NXP Semiconductors
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com