Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4743 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA4743
Description  45 W Four-Channel (Bridge Circuit) Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4743 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA4743 Datasheet HTML 1Page - Sanyo Semicon Device LA4743 Datasheet HTML 2Page - Sanyo Semicon Device LA4743 Datasheet HTML 3Page - Sanyo Semicon Device LA4743 Datasheet HTML 4Page - Sanyo Semicon Device LA4743 Datasheet HTML 5Page - Sanyo Semicon Device LA4743 Datasheet HTML 6Page - Sanyo Semicon Device LA4743 Datasheet HTML 7Page - Sanyo Semicon Device LA4743 Datasheet HTML 8Page - Sanyo Semicon Device LA4743 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
No. 6630-5/9
LA4743B
Continued from preceding page.
Pin No.
Function
DC voltage [V]
Notes
Internal equivalent circuit
11
12
14
15
IN1
IN2
IN4
IN3
100
1 k
5 pF
30 k
VREF
11
12
14
15
A13507
• Amplifier turn-on time control circuit
• Impulse noise prevention circuit
• With a 22 µF capacitor, the turn-on
time will be 0.6 s.
16
ON TIME MUTE
20 k
10 k
2 k
13 k
40 k
2 k
200
VREF
16
A13508
13
• The muting function is activated when
the applied voltage is under 1 V.
22
MUTE
4.1
3 k
1 k
7.5 k
10 k
100
100 k
VREF
VREF
22
A13509
3.1
• Input amplifiers that require no
capacitor in the input noise filter.
PRE GND
2.6
25
N.C.
Input amplifier
ST-BY power
supply line
Inverter
amplifier
Bias circuit
power supply line
Input amplifier
ST-BY power
supply line
Amplifier
bias circuit


Similar Part No. - LA4743

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4743A SANYO-LA4743A Datasheet
85Kb / 9P
   45 W Four-Channel (Bridge Circuit) Power Amplifier
More results

Similar Description - LA4743

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4743A SANYO-LA4743A Datasheet
85Kb / 9P
   45 W Four-Channel (Bridge Circuit) Power Amplifier
LA4742 SANYO-LA4742 Datasheet
106Kb / 9P
   45 W Four-Channel Bridge Circuit Power Amplifier
LA47536 SANYO-LA47536 Datasheet
83Kb / 7P
   Four-Channel 45 W BTL Car Audio Power Amplifier
STK401-080 SANYO-STK401-080 Datasheet
256Kb / 9P
   AF Power Amplifier (Split Power Supply) (45 W 45 W min, THD = 0.4%)???
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
   4 x 45 W Quad bridge car radio amplifier
logo
STMicroelectronics
TDA7560A STMICROELECTRONICS-TDA7560A Datasheet
207Kb / 15P
   4 x 45 W quad bridge car radio amplifier
logo
List of Unclassifed Man...
CD7377CZ ETC2-CD7377CZ Datasheet
374Kb / 8P
   7W×4 four-channel audio power amplifier circuit Version
S-2012-04-A
logo
STMicroelectronics
TDA7492PE STMICROELECTRONICS-TDA7492PE Datasheet
740Kb / 24P
   45 W 45 W dual BTL class-D audio amplifier
November 2014 Rev 1
logo
NXP Semiconductors
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com