Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4801V Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA4801V
Description  Headphone Stereo Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4801V Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA4801V Datasheet HTML 1Page - Sanyo Semicon Device LA4801V Datasheet HTML 2Page - Sanyo Semicon Device LA4801V Datasheet HTML 3Page - Sanyo Semicon Device LA4801V Datasheet HTML 4Page - Sanyo Semicon Device LA4801V Datasheet HTML 5Page - Sanyo Semicon Device LA4801V Datasheet HTML 6Page - Sanyo Semicon Device LA4801V Datasheet HTML 7Page - Sanyo Semicon Device LA4801V Datasheet HTML 8Page - Sanyo Semicon Device LA4801V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
No. 6146-2/10
LA4801V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
4.5
V
Allowable power dissipation
Pd max
375
mW
Operating temperature
Topr
–15 to +50
°C
Storage temperature
Tstg
–40 to +150
°C
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC1
1.5
V
VCC2
2.5
V
Operating supply voltage range
VCC1 op
0.9 to 4.5
V
VCC2 op
*
1.5 to 3.5
V
Recommended load resistance
RL
16 to 32
Operating Conditions at Ta = 25°C
Note: * However, when VCC2 is under 2.5 V, with a 1.5 V minimum, VCC1 must be less than or equal to VCC2.
Item
Symbol
Conditions
Ratings
Unit
min
typ
max
ICCO1
IC off: with pin 1 open.
0.05
1.0
µA
Quiescent current
ICCO2
Mute on
1.3
3.0
mA
ICCO3
Center amplifier off: with pin 3 at Vref
3.3
8.0
mA
ICCO4
No input
4.8
9.0
mA
Voltage gain
VG
VO = –10 dBm
10.3
11.8
13.3
dB
Channel balance
∆VG
VO = –10 dBm
–1
0
1
dB
Output power
PO
THD = 10%
6
13
mW
Total harmonic distortion
THD
PO = 0.5 mW
0.2
1.0
%
Output noise voltage
VNO
Rg = 1 k
Ω, DIN AUDIO
7.8
15
µV
Crosstalk
CT
TUN1kHz, VO = –10 dBm
35
45
dB
Ripple rejection ratio
SVRR
VCC = 1.0 V, fr = 100 kHz, Vr = –20 dBm, TUN100Hz
60
70
dB
Muting attenuation
VOFF
THD = 1%, TUN1kHz
–80
–96
dB
Output DC offset
VDC OFF
V1 = 0 V, Rg = 1 k
–20
+20
mV
Power on current sensitivity
I1 ON
VCC1 = 0.9 V, VCC2 = 1.5 V, V5 ≥ 0.7 V
20
40
µV
Power off voltage sensitivity
V1 OFF
VCC1 = 0.9 V, VCC2 = 1.5 V, V5 ≤ 0.1 V
0.5
0.6
V
Mute off current sensitivity
I16 OFF
VCC1 = 0.9 V, VCC2 = 1.5 V, V5 ≥ 0.7 V
4.0
6.0
µV
Mute on voltage sensitivity
V16 ON
VCC1 = 0.9 V, VCC2 = 1.5 V, V5 ≥ 0.7 V
0.9
1.0
V
Electrical Characteristics at Ta = 25°C, VCC1 = 1.5 V, VCC2 = 2.5 V, fIN = 1 kHz, RL = 16 Ω


Similar Part No. - LA4801V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4800 SANYO-LA4800 Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
LA4800V SANYO-LA4800V Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
LA4802 SANYO-LA4802 Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
LA4805 SANYO-LA4805 Datasheet
346Kb / 17P
   3V Stereo Headphone Power Amplifier
More results

Similar Description - LA4801V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
LA4805V SANYO-LA4805V Datasheet
346Kb / 17P
   3V Stereo Headphone Power Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Sanyo Semicon Device
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com