Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD118523B Datasheet(PDF) 1 Page - Sensitron

Part # SHD118523B
Description  HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD118523B Datasheet(HTML) 1 Page - Sensitron

  SHD118523B Datasheet HTML 1Page - Sensitron SHD118523B Datasheet HTML 2Page - Sensitron SHD118523B Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-Mail - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4766, REV. B
HERMETIC SCHOTTKY RECTIFIER
Very Low Forward Voltage Drop
Features:
Soft Reverse Recovery at Low and High Temperature
Very Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Maximum Ratings
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
60
V
Max. Average Forward Current
IF(AV)
50% duty cycle, rectangular
wave form (Single)
60
A
Max. Average Forward Current
IF(AV)
50% duty cycle, rectangular
wave form (Common Cathode)
120
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave
(per leg)
860
A
Non-Repetitive Avalanche Energy
EAS
TJ = 25 °C, IAS = 3.0 A,
L = 4.4 mH (per leg)
20
mJ
Repetitive Avalanche Current
IAR
IAS decay linearly to 0 in 1 μs
ƒ limited by T
J max VA=1.5VR
3.0
A
Maximum Thermal Resistance
RθJC
DC operation
0.18
°C/W
Max. Junction Temperature
TJ
-
-65 to +175
°C
Max. Storage Temperature
Tstg
-
-65 to +175
°C
Electrical Characteristics
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 60A, Pulse, TJ = 25 °C
0.76
V
(per leg)
VF2
@ 60A, Pulse, TJ = 125 °C
0.69
V
Max. Reverse Current
IR1
@VR = 60V, Pulse,
TJ = 25 °C
1.2
mA
(per leg)
IR2
@VR = 60V, Pulse,
TJ = 125 °C
90
mA
Max. Junction Capacitance
(per leg)
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz,
VSIG = 50mV (p-p)
2600
pF
SHD118523
SHD118523A
SHD118523B


Similar Part No. - SHD118523B

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD118523B SENSITRON-SHD118523B Datasheet
92Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
More results

Similar Description - SHD118523B

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD115112 SENSITRON-SHD115112 Datasheet
146Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD115511 SENSITRON-SHD115511 Datasheet
146Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD118112 SENSITRON-SHD118112 Datasheet
92Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD118211 SENSITRON-SHD118211 Datasheet
93Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD118522 SENSITRON-SHD118522 Datasheet
92Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD118513 SENSITRON-SHD118513 Datasheet
92Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD120068 SENSITRON-SHD120068 Datasheet
83Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD120213 SENSITRON-SHD120213_09 Datasheet
46Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD115134 SENSITRON-SHD115134_08 Datasheet
52Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD118511 SENSITRON-SHD118511 Datasheet
92Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com