Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSMC57I12GP-M5XMEC1E Datasheet(PDF) 2 Page - OptoSupply International

Part # OSMC57I12GP-M5XMEC1E
Description  12PCS Xeon 1 Power LED With aluminum base PCB Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSMC57I12GP-M5XMEC1E Datasheet(HTML) 2 Page - OptoSupply International

  OSMC57I12GP-M5XMEC1E Datasheet HTML 1Page - OptoSupply International OSMC57I12GP-M5XMEC1E Datasheet HTML 2Page - OptoSupply International OSMC57I12GP-M5XMEC1E Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.optosupply.com
VER 1.0
2
Device Selection Guide
1
Module No.
Color
Wavelength
(Typ.)
Overall luminous flux
R5XME1C1E
Red
625 nm
600lm
G5XME1C1E
Green
525 nm
900lm
B5XME1C1E
Blue
470 nm
180lm
Y5XME1C1E
Yellow
590 nm
600lm
M5XMEC1E
Warm White
X=0.45. Y=0.41
900lm
W4XME1C1E
Pure White
X=0.31,Y=0.33
1200lm
Absolute Maximum Ratings(Ta=25℃)
1
Items
Symbol
Values
Units
Operating Supply Range(DC)
Vidc
13
V
Input Current (DC)
Ii
1.6
A
Power Dissipation
Pa
16.8
W
Operating Temperature
Tope
-25 ~ +60
DegC
Storage Temperature
Tstg
-40~ +80
DegC
Typical Performance (Ta=25℃)
1
Items
Symbol
Min.
Typ.
Max.
Units
Input Voltage(DC)
Vi
-
12
13
V
Product Input Current
If
-
1.4
1.6
A
Power Dissipation
Pa
16.8
20.8
W
Beam Pattern
BP
-
120
-
Deg
LED Quantity
QTY
12
PCS
Size of PCB
Lmod.
-
570*20*1.6
-
mm
Net Weight
Wei.
---
9.5
---
g
Model No.
OSMC57I12GP -
XXXME1C1E
REV.
C5


Similar Part No. - OSMC57I12GP-M5XMEC1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSMC57I12GP-XXXME1C1E OPTOSUPPLY-OSMC57I12GP-XXXME1C1E Datasheet
54Kb / 3P
   12PCS Xeon 1 Power LED With aluminum base PCB Module
More results

Similar Description - OSMC57I12GP-M5XMEC1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSMC57I12GP-XXXME1C1E OPTOSUPPLY-OSMC57I12GP-XXXME1C1E Datasheet
54Kb / 3P
   12PCS Xeon 1 Power LED With aluminum base PCB Module
OSPR3XT2-TCXBEAC1E OPTOSUPPLY-OSPR3XT2-TCXBEAC1E Datasheet
356Kb / 1P
   3PCS Xeon 1 Power RGB LED Module
OSW4XME1C1S OPTOSUPPLY-OSW4XME1C1S Datasheet
116Kb / 1P
   Xeon 1 Power LED
OSXXXNE1E1S OPTOSUPPLY-OSXXXNE1E1S Datasheet
110Kb / 1P
   Xeon 1 Power LED
OSXXXME1C1S OPTOSUPPLY-OSXXXME1C1S_11 Datasheet
119Kb / 1P
   Xeon 1 Power LED
OSG3XAE1E1E OPTOSUPPLY-OSG3XAE1E1E Datasheet
109Kb / 1P
   Xeon 1 Power Cyan LED
OSR5XAE1E1E OPTOSUPPLY-OSR5XAE1E1E Datasheet
110Kb / 1P
   Xeon 1 Power Red LED
OSY5XME1C1E OPTOSUPPLY-OSY5XME1C1E Datasheet
164Kb / 1P
   Xeon 1 Power Yellow LED
OSR5XME1C1E OPTOSUPPLY-OSR5XME1C1E_11 Datasheet
150Kb / 2P
   Xeon 1 Power Red LED
OSW4XME1E1E_1110 OPTOSUPPLY-OSW4XME1E1E_1110 Datasheet
217Kb / 2P
   Xeon 1 Power PureWhite LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com