Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC477XCSM Datasheet(PDF) 1 Page - Seme LAB

Part # BC477XCSM
Description  Bipolar PNP Device in a Hermetically sealed LCC1
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BC477XCSM Datasheet(HTML) 1 Page - Seme LAB

  BC477XCSM Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BC477XCSM
Bipolar PNP Device.
V
CEO =
80V
I
C = 0.1A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
80
V
I
C(CONT)
0.1
A
h
FE
@ 5/2m (V
CE / IC)
50
220
-
f
t
150M
Hz
P
D
0.36
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
2-Aug-02
Bipolar PNP Device in a
Hermetically sealed LCC1
Ceramic Surface Mount
Package for High
Reliability Applications
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
21
0.51 ± 0.10
(0.02 ± 0.004)
0.31
(0.012)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.02 ± 0.10
(0.04 ± 0.004)
1.40
(0.055)
max.
A
0.31
(0.012)
rad.
rad.
A =
3
PINOUTS
1 – Base
2 – Emitter
3 - Collector


Similar Part No. - BC477XCSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BC477XDCSM SEME-LAB-BC477XDCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed
More results

Similar Description - BC477XCSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3486CSM SEME-LAB-2N3486CSM Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed LCC1
BFW44CSM SEME-LAB-BFW44CSM Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed LCC1
2N2904CSM SEME-LAB-2N2904CSM Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed LCC1
2N3250XCSM SEME-LAB-2N3250XCSM Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed LCC1
FMMT591CSM SEME-LAB-FMMT591CSM Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed LCC1
BC212CSM SEME-LAB-BC212CSM Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed LCC1
2N2605CSM SEME-LAB-2N2605CSM Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed LCC1
2N2696CSM SEME-LAB-2N2696CSM Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed LCC1
2N3964CSM SEME-LAB-2N3964CSM Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed LCC1
2N2906CSM SEME-LAB-2N2906CSM Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed LCC1
BC177CSM SEME-LAB-BC177CSM Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed LCC1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com