Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS30L45CR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPS30L45CR
Description  Low drop power Schottky rectifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30L45CR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPS30L45CR Datasheet HTML 4Page - STMicroelectronics STPS30L45CR Datasheet HTML 5Page - STMicroelectronics STPS30L45CR Datasheet HTML 6Page - STMicroelectronics STPS30L45CR Datasheet HTML 7Page - STMicroelectronics STPS30L45CR Datasheet HTML 8Page - STMicroelectronics STPS30L45CR Datasheet HTML 9Page - STMicroelectronics STPS30L45CR Datasheet HTML 10Page - STMicroelectronics STPS30L45CR Datasheet HTML 11Page - STMicroelectronics STPS30L45CR Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STPS30L45C
Ordering Information
Doc ID 8002 Rev 4
11/12
3
Ordering Information
4
Revision history
Table 10.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
STPS30L45CT
STPS30L45CT
TO-220AB
2g
50
Tube
STPS30L45CG
STPS30L45CG
D2PAK
1.8g
50
Tube
STPS30L45CG-TR
STPS30L45CG
D2PAK
1.8g
500
Tape and reel
STPS30L45CW
STPS30L45CW
TO-247
4.4g
30
Tube
STPS30L45CR
STPS30L45CR
I2PAK
1.4g
50
Tube
STPS30L45CFP
STPS30L45CFP
TO-220FPAB
1.9 g
50
Tube
Table 11.
Document revision history
Date
Revision
Changes
Jul-2003
3B
Previous issue
13-Oct-2010
4
Added paragraph above Table 6 and updated I2PAK dimensions in
Table 6. Updated TO-247 dimensions in Table 9.


Similar Part No. - STPS30L45CR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30L45CR STMICROELECTRONICS-STPS30L45CR Datasheet
126Kb / 8P
   LOW DROP POWER SCHOTTKY RECTIFIER
More results

Similar Description - STPS30L45CR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 4A
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS80L30CY STMICROELECTRONICS-STPS80L30CY Datasheet
24Kb / 3P
   LOW DROP POWER SCHOTTKY RECTIFIER
1N5817 STMICROELECTRONICS-1N5817 Datasheet
107Kb / 7P
   Low drop power Schottky rectifier
STPS5L25B-TR STMICROELECTRONICS-STPS5L25B-TR Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
   Low drop power Schottky rectifier
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com