Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD230202 Datasheet(PDF) 1 Page - Sensitron

Part # SHD230202
Description  HERMETIC POWER MOSFET N-CHANNEL QUAD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD230202 Datasheet(HTML) 1 Page - Sensitron

  SHD230202 Datasheet HTML 1Page - Sensitron SHD230202 Datasheet HTML 2Page - Sensitron SHD230202 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
221 WEST INDUSTRY COURT DEER PARK, NY 11729-4681 PHONE (631) 586-7600 FAX (631) 242-9798
World Wide Web Site - http://www.sensitron.com E-mail Address - sales@sensitron.com
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 319, REV. A
HERMETIC POWER MOSFET
N-CHANNEL QUAD
FEATURES:
œ 100 Volt, 0.35 Ohm, 6.2A MOSFET
œ Fast Switching
œ Low R
DS (on)
œ Equivalent to IRF120 Series
MAXIMUM RATINGS
ALL RATINGS ARE AT T
C = 25•C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MIN.
TYP.
MAX.
UNITS
GATE TO SOURCE VOLTAGE
VGS
-
-
–20
Volts
ON-STATE DRAIN CURRENT @ TC = 25
•C
ID
-
-
6.2
Amps
PULSED DRAIN CURRENT (10ms)
IDM
-
-
12
Amps
OPERATING AND STORAGE TEMPERATURE
TOP/TSTG
-55
-
+150
•C
TOTAL DEVICE DISSIPATION @ TC = 25
•C
PD
-
-
27
Watts
THERMAL RESISTANCE, JUNCTION TO CASE
RthJC
-
-
4.7
•C/W
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNITS
DRAIN TO SOURCE BREAKDOWN VOLTAGE
VGS = 0V, ID = 250
mA
BVDSS
100
-
-
Volts
STATIC DRAIN TO SOURCE ON STATE RESISTANCE
VGS = 10V, ID = 0.6x rated ID
RDS(ON)
-
-
0.35
W
GATE THRESHOLD VOLTAGE
VDS = VGS, ID = 250
mA
VGS(th)
2.0
-
4.0
Volts
FORWARD TRANSCONDUCTANCE
VDS
˜ I
D (ON) X RDS (ON) Max., IDS = 0.6 X ID
gfs
2.7
4.1
-
S(1/
W)
ZERO GATE VOLTAGE DRAIN CURRENT
VDS = Max. Rating, VGS = 0V
VDS = 0.8xMax. Rating, VGS = 0V, TJ = 125
•C
IDSS
-
-
250
1000
mA
GATE TO SOURCE LEAKAGE FORWARD
VGS = 20V
GATE TO SOURCE LEAKAGE REVERSE
VGS = -20V
IGSS
-
-
100
-100
nA
TURN ON DELAY TIME
VDD = 50V,
RISE TIME
ID = .5xID,
TURN OFF DELAY TIME
RG = 18
W,
FALL TIME
VGS = 10V
td(ON)
tr
td(OFF)
tf
-
8.8
30
19
20
13
45
29
30
nsec
DIODE FORWARD VOLTAGE
TC = 25
•C, I
S = ID,
VGS = 0V
VSD
-
-
2.5
Volts
REVERSE RECOVERY TIME
TJ = 25
•C,
If = ID,
diF/ds = 100A/
msec,
trr
55
110
240
nsec
INPUT CAPACITANCE
VGS = 0 V
OUTPUT CAPACITANCE
VDS = 25 V
REVERSE TRANSFER CAPACITANCE
f = 1.0MHz
Ciss
Coss
Crss
-
350
130
36
-
pF
SHD230202


Similar Part No. - SHD230202

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD230209 SENSITRON-SHD230209 Datasheet
66Kb / 3P
   HERMETIC POWER MOSFET P-CHANNEL QUAD
More results

Similar Description - SHD230202

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD230704 SENSITRON-SHD230704 Datasheet
37Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL QUAD
SHD230209 SENSITRON-SHD230209 Datasheet
66Kb / 3P
   HERMETIC POWER MOSFET P-CHANNEL QUAD
SHD225605 SENSITRON-SHD225605 Datasheet
58Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218501 SENSITRON-SHD218501 Datasheet
58Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218505 SENSITRON-SHD218505 Datasheet
42Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219405 SENSITRON-SHD219405 Datasheet
66Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219501 SENSITRON-SHD219501 Datasheet
66Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD220301 SENSITRON-SHD220301 Datasheet
78Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD225402 SENSITRON-SHD225402 Datasheet
67Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD239603 SENSITRON-SHD239603 Datasheet
81Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com