Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD619052 Datasheet(PDF) 1 Page - Sensitron

Part # SHD619052
Description  HERMETIC SILICON CARBIDE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD619052 Datasheet(HTML) 1 Page - Sensitron

  SHD619052 Datasheet HTML 1Page - Sensitron SHD619052 Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA,
DATA SHEET 5053 REV. A
HERMETIC SILICON CARBIDE RECTIFIER
DESCRIPTION: A 1200-VOLT, 10 AMP POWER SILICON CARBIDE RECTIFIER IN A CERAMIC
HERMETIC LCC-3P PACKAGE
FEATURES:
NO RECOVERY TIME OR REVERSE RECOVERY LOSSES
NO TEMPERATURE INFLUENCE ON SWITCHING BEHAVIOR
SCREENED VERSIONS ARE AVAILABLE
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 °C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
1200
Volts
MAXIMUM DC OUTPUT CURRENT (With Cathode Maintained @ TC = 65
OC)
IO
10
Amps
MAXIMUM DC OUTPUT CURRENT (With Cathode Maintained @ TC = 65
OC, for
Single Package)
IO
5
Amps
MAXIMUM REPETITIVE FORWARD SURGE CURRENT PER LEG
(t = 8.3ms, Sine) TC = 25
OC
IFRM
30
Amps
MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
(t = 10
μs, pulse) T
C = 25
OC
IFSM
100
Amps
MAXIMUM POWER DISSIPATION, TC = 25
OC
Pd
15
W
MAXIMUM THERMAL RESISTANCE, Junction to Case (per dual package)
RθJC
1.30
°C/W
MAXIMUM OPERATING TEMPERATURE RANGE*
Top &Tstg
-55 to
+200
°C
* Note: SiC semiconductors will handle at or above this operating and storage temperature. However, extended operational use of the packaged device
above 175C may reduce its future performance. All qualification testing and screening per MIL-PRF-19500 will only be performed to 175C.
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
TYP
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP (If = 5 A per leg) Vf
TJ = 25 °C
TJ = 150 °C
1.6
2.6
1.8
3.0
Volts
MAXIMUM REVERSE CURRENT (1200V PIV per leg)
Ir
TJ = 25 °C
TJ=150 °C
0.05
0.10
0.20
1.00
mA
TOTAL CAPACITIVE CHARGE (VR=1200V IF=5A di/dt=500A/μs TJ=25°C) QC
per leg
28
N/A
nC
MAXIMUM JUNCTION CAPACITANCE (Vr =5V) PER LEG
CT
450
PF
Application Note: Customers should be aware that at the current stage of technical development of SiC, the reverse avalanche
capabilities of the device are limited.Customer designs will need to accommodate these limitations and avoid exposure of the device
to this and other potentially damaging conditions in their applications.
SHD619052
SHD619052P


Similar Part No. - SHD619052

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD619112 SENSITRON-SHD619112 Datasheet
51Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD619112P SENSITRON-SHD619112P Datasheet
51Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
More results

Similar Description - SHD619052

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD620052 SENSITRON-SHD620052 Datasheet
166Kb / 2P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD674112 SENSITRON-SHD674112 Datasheet
240Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD676052 SENSITRON-SHD676052 Datasheet
52Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD620112 SENSITRON-SHD620112 Datasheet
244Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD626031 SENSITRON-SHD626031 Datasheet
184Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD675052 SENSITRON-SHD675052 Datasheet
291Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC626112 SENSITRON-SHDC626112 Datasheet
382Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC624122 SENSITRON-SHDC624122_09 Datasheet
66Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD626051 SENSITRON-SHD626051 Datasheet
464Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD674052 SENSITRON-SHD674052 Datasheet
291Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC624122 SENSITRON-SHDC624122 Datasheet
69Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com