Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM6G060-120D Datasheet(PDF) 9 Page - Sensitron

Part # SPM6G060-120D
Description  Three-Phase IGBT BRIDGE, With Gate Driver and Optical Isolation
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPM6G060-120D Datasheet(HTML) 9 Page - Sensitron

Back Button SPM6G060-120D Datasheet HTML 5Page - Sensitron SPM6G060-120D Datasheet HTML 6Page - Sensitron SPM6G060-120D Datasheet HTML 7Page - Sensitron SPM6G060-120D Datasheet HTML 8Page - Sensitron SPM6G060-120D Datasheet HTML 9Page - Sensitron SPM6G060-120D Datasheet HTML 10Page - Sensitron SPM6G060-120D Datasheet HTML 11Page - Sensitron SPM6G060-120D Datasheet HTML 12Page - Sensitron SPM6G060-120D Datasheet HTML 13Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 4165, Rev. C.3
© 2004 Sensitron Semiconductor
• 221 West Industry Court • Deer Park, NY 11729 • (631) 586 7600
FAX (631) 242 9798
• www.sensitron.com • sales@sensitron.com •
Page 9
SPM6G060-120D
Pin #
Name
Description
24
+5V Output
+5V output. Maximum output current is 30mA
25
Itrip-Ref
(3)
Adjustable voltage divider reference for over-current shutdown. Internal
pull-up to +5V 31.6K
Ω, pull down to ground is 10KΩ, and hysteresis
resistance of 49.9K
Ω. The internal set point is 1.64V, corresponding to
over-current shutdown of 34A. The re-start delay time, off time, is about
70 usec.
26
Idco
DC bus current sense amplifier output. The sensor gain is 0.049V/A. The
internal impedance of this output is 1K
Ω, and internal filter capacitance is
1nF.
27
TCo
Analog output of case temperature sensor. The sensor output gain is 0.010
V/
oC, with zero DC offset. This sensor can measure both positive and
negative
oC. The internal impedance of this output is 8.87K
Ω.
The internal block diagram of the temperature sensor is shown in Fig. 5.
28 &29
PhA
Phase A output
30 & 31
PhB
Phase B Output
32 & 33
PhC
Phase C Output
34 & 35
+VDC Rtn
DC Bus return
36 & 37
+VDC
DC Bus input
Case
Case
Isolated From All Terminals


Similar Part No. - SPM6G060-120D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPM6G060-120D SENSITRON-SPM6G060-120D Datasheet
66Kb / 6P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
More results

Similar Description - SPM6G060-120D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPM6G140-060D SENSITRON-SPM6G140-060D Datasheet
244Kb / 17P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G080-060D SENSITRON-SPM6G080-060D Datasheet
84Kb / 7P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G070-060D SENSITRON-SPM6G070-060D Datasheet
172Kb / 19P
   Three-Phase IGBT BRIDGE, With Gate Driver and Optical Isolation
SPM6G080-060D SENSITRON-SPM6G080-060D_07 Datasheet
87Kb / 7P
   Three-Phase IGBT BRIDGE, With Gate Driver and Optical Isolation
SPM6G250-120D SENSITRON-SPM6G250-120D Datasheet
72Kb / 5P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G060-120D SENSITRON-SPM6G060-120D Datasheet
66Kb / 6P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G150-060D SENSITRON-SPM6G150-060D Datasheet
66Kb / 4P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G080-120D SENSITRON-SPM6G080-120D Datasheet
82Kb / 6P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G120-120D SENSITRON-SPM6G120-120D Datasheet
263Kb / 17P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6M080-010D SENSITRON-SPM6M080-010D Datasheet
109Kb / 14P
   Three-Phase MOSFET BRIDGE, With Gate Driver and Optical Isolation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com