Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM6G140-060D Datasheet(PDF) 9 Page - Sensitron

Part # SPM6G140-060D
Description  Three-Phase IGBT BRIDGE, With Gate Driver and Magnetic Isolation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPM6G140-060D Datasheet(HTML) 9 Page - Sensitron

Back Button SPM6G140-060D Datasheet HTML 4Page - Sensitron SPM6G140-060D Datasheet HTML 5Page - Sensitron SPM6G140-060D Datasheet HTML 6Page - Sensitron SPM6G140-060D Datasheet HTML 7Page - Sensitron SPM6G140-060D Datasheet HTML 8Page - Sensitron SPM6G140-060D Datasheet HTML 9Page - Sensitron SPM6G140-060D Datasheet HTML 10Page - Sensitron SPM6G140-060D Datasheet HTML 11Page - Sensitron SPM6G140-060D Datasheet HTML 12Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 4977, Rev. B
©2004 Sensitron Semiconductor
• 221 West Industry Court
Deer Park, NY 11729
(631) 586 7600 FAX (631) 242 9798
• www.sensitron.com • sales@sensitron.com • Page 9
SPM6G140-060D
Pin Descriptions
ICd (Pin 1 ) : A +2.5V DC offset used for differential output reading of ICo.
ICo (Pin 2): Hall current sensor output for phase C. The output can be measured between Pin2 and Pin 1
differentially. Zero current corresponds to zero output, current entering Phase C pins will produce positive output
voltage at Pin2, and current out of Phase C pins will produce negative output voltage at Pin2. Also, the output can
be measured as single ended between Pin2 and Pin19. In this case zero current will correspond to 2.5V output,
current entering Phase C pins will produce positive output voltage above 2.5V, and current out of Phase C pins will
produce positive output voltage below 2.5V.The sensitivity of this sensor is 0.018V/A.
IBd (Pin 3): A +2.5V DC offset used for differential output reading of IBo.
IBo (Pin 4): Hall current sensor output for phase B. The output can be measured between Pin4 and Pin 3
differentially. Zero current corresponds to zero output, current entering Phase B pins will produce positive output
voltage at Pin4, and current out of Phase B pins will produce negative output voltage at Pin4. Also, the output can
be measured as single ended between Pin4 and Pin19. In this case zero current will correspond to 2.5V output,
current entering Phase B pins will produce positive output voltage above 2.5V, and current out of Phase B pins will
produce positive output voltage below 2.5V. The sensitivity of this sensor is 0.018V/A.
IAd (Pin 5): A +2.5V DC offset used for differential output reading of IAo.
IAo (Pin 6 ): Phase A hall current sensor output. The output can be measured between Pin6 and Pin 5 differentially.
Zero current corresponds to zero output, current entering Phase A pins will produce positive output voltage at Pin6,
and current out of Phase A pins will produce negative output voltage at Pin6. Also, the output can be measured as
single ended between Pin6 and Pin19. In this case zero current will correspond to 2.5V output, current entering
Phase A pins will produce positive output voltage above 2.5V, and current out of Phase A pins will produce positive
output voltage below 2.5V. The sensitivity of this sensor is 0.018V/A.
TCo (Pin 7 ): An analog output of case temperature sensor. The sensor output gain is 6.25mV/
oC, with 424 mV DC
offset. This sensor can measure both positive and negative
oC. The internal impedance of this output is 4.99K
Ω. The
internal block diagram of the temperature sensor is shown in Fig. 6.
The output voltage reading vs temperature will be:
TCo = + 0.58V at Tc= +25
oC
TCo = + 1.205V at Tc= +125
oC
TCo = + 0.174V at Tc= -40
oC
LinA (Pin 8) : An isolated drive input for Low-side IGBT of Phase A.
Fig. 6 Temperature Sensor Internal Block Diagram
Pin 7
4.99K
Ω
10nF
Vo= (+6.25mV/
oC )*ToC + 424 mV
Pin 19
Gnd2


Similar Part No. - SPM6G140-060D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPM6G140-060D SENSITRON-SPM6G140-060D Datasheet
244Kb / 17P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
More results

Similar Description - SPM6G140-060D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPM6G120-120D SENSITRON-SPM6G120-120D_08 Datasheet
253Kb / 15P
   Three-Phase IGBT BRIDGE, With Gate Driver and Magnetic Isolation
SPM6G140-060D SENSITRON-SPM6G140-060D Datasheet
244Kb / 17P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G080-060D SENSITRON-SPM6G080-060D Datasheet
84Kb / 7P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G060-120D SENSITRON-SPM6G060-120D_08 Datasheet
207Kb / 21P
   Three-Phase IGBT BRIDGE, With Gate Driver and Optical Isolation
SPM6G070-060D SENSITRON-SPM6G070-060D Datasheet
172Kb / 19P
   Three-Phase IGBT BRIDGE, With Gate Driver and Optical Isolation
SPM6G080-060D SENSITRON-SPM6G080-060D_07 Datasheet
87Kb / 7P
   Three-Phase IGBT BRIDGE, With Gate Driver and Optical Isolation
SPM6G250-120D SENSITRON-SPM6G250-120D Datasheet
72Kb / 5P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G060-120D SENSITRON-SPM6G060-120D Datasheet
66Kb / 6P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G150-060D SENSITRON-SPM6G150-060D Datasheet
66Kb / 4P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
SPM6G080-120D SENSITRON-SPM6G080-120D Datasheet
82Kb / 6P
   Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com