Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5804 Datasheet(PDF) 2 Page - Sensitron

Part # 1N5804
Description  Ultrafast Recovery Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

1N5804 Datasheet(HTML) 2 Page - Sensitron

  1N5804 Datasheet HTML 1Page - Sensitron 1N5804 Datasheet HTML 2Page - Sensitron 1N5804 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
221 West Industry Court Deer Park, NY 11729-4681 Phone (631) 586 7600 Fax (631) 242 9798 •
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4970, REV. D
MECHANICAL DIMENSIONS In Inches / (mm)
MECHANICAL DIMENSIONS In Inches / (mm), min./max.
Note: The cathode side is marked with a dark colored band on one side of the diode body.
SS5802,US thru SS5806,US


Similar Part No. - 1N5804

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5804 MICROSEMI-1N5804 Datasheet
46Kb / 3P
   2.5 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
1N5804 MICROSEMI-1N5804 Datasheet
318Kb / 2P
   MILITARY APPROVED HIGH EFFICIENCY 2.5 AMP AND 6.0 AMP
1N5804 MICROSEMI-1N5804 Datasheet
53Kb / 2P
   ULTRA FAST MILITARY RECTIFIERS
1N5804 MICROSEMI-1N5804 Datasheet
133Kb / 3P
   MILITARY APPROVED, HIGH EFFICIENCY, 2.5 AMP AND 6.0 AMP
logo
Semtech Corporation
1N5804 SEMTECH-1N5804 Datasheet
204Kb / 3P
   RECTIFIER, up to 150V, 2.5A, 25ns
More results

Similar Description - 1N5804

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MUR3060 NJSEMI-MUR3060 Datasheet
71Kb / 2P
   Ultrafast Recovery Rectifier
logo
Sensitron
SS6620 SENSITRON-SS6620 Datasheet
57Kb / 3P
   Ultrafast Recovery Rectifier
logo
New Jersey Semi-Conduct...
MUR1650CT NJSEMI-MUR1650CT Datasheet
73Kb / 2P
   Ultrafast Recovery Rectifier
logo
Solid States Devices, I...
RC0138B SSDI-RC0138B_15 Datasheet
74Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER
logo
Inchange Semiconductor ...
DPG10I300PA ISC-DPG10I300PA Datasheet
293Kb / 2P
   Ultrafast Recovery Rectifier
MUR1540 ISC-MUR1540 Datasheet
85Kb / 2P
   Ultrafast Recovery Rectifier
STTH60L06C ISC-STTH60L06C Datasheet
277Kb / 2P
   Ultrafast Recovery Rectifier
STTH8L06FP ISC-STTH8L06FP Datasheet
280Kb / 2P
   Ultrafast Recovery Rectifier
logo
Rectron Semiconductor
MUR1680C RECTRON-MUR1680C Datasheet
124Kb / 5P
   ULTRAFAST RECOVERY RECTIFIER
logo
Inchange Semiconductor ...
RFVS8TJ6S ISC-RFVS8TJ6S Datasheet
279Kb / 2P
   Ultrafast Recovery Rectifier
MUR8100D ISC-MUR8100D Datasheet
302Kb / 2P
   Ultrafast Recovery Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com