Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6621U Datasheet(PDF) 1 Page - Sensitron

Part # 1N6621U
Description  Ultrafast Recovery Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

1N6621U Datasheet(HTML) 1 Page - Sensitron

  1N6621U Datasheet HTML 1Page - Sensitron 1N6621U Datasheet HTML 2Page - Sensitron 1N6621U Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
221 West Industry Court Deer Park, NY 11729-4681 Phone (631) 586 7600 Fax (631) 242 9798 •
• World Wide Web Site - http://www.sensitron.com • E-Mail Addre1N - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 5090, REV. A
Ultrafast Recovery Rectifier
• Hermetic, non-cavity glass package
• Metallurgically bonded
• Operating and Storage Temperature: -65oC to +175o
MAX. RATINGS / ELECTRICAL CHARACTERISTICS
All ratings are at TA = 25
oC unless otherwise specified.
SS6620,U,US thru SS6625,U,US
Rating
Symbol
Condition
Max
Units
WORKING PEAK REVERSE VOLTAGE
1N6620, U, US
1N6621, U ,US
1N6622, U, US
1N6623, U, US
1N6624 ,U, US
1N6625, U, US
VRWM
200
400
600
800
900
1000
Volts
AVERAGE RECTIFIED FORWARD CURRENT
1N6620, U, US thru 1N6622, U, US
1N6623, U, US thru 1N6625, U, US
Io
1.2
1.0
Amps
PEAK FORWARD SURGE CURRENT
1N6620, U, US thru 1N6624,U, US
1N6625, U, US
IFSM
Tp=8.3ms
20
15
A(pk)
MAXIMUM REVERSE CURRENT
1N6620, U, US thru 1N6624,U, US
1N6625, U, US
IR @ VRWM
Tj = 25
oC
0.5
1.0
μAmps
MAXIMUM REVERSE CURRENT
1N6620, U, US thru 1N6624,U, US
1N6625, U, US
IR @ VRWM
Tj = 150
oC
150
200
μAmps
MAX. PEAK FORWARD VOLTAGE (PULSED)
1N6620, U, US thru 1N6622,U, US
1N6623,U, US & 1N6624,U, US
1N6625, U, US
VFM
IF=2.0A
IF=1.5μA
IF=1.5μA
1.60
1.80
1.95
Volts
PEAK RECOVERY CURRENT
1N6620, U, US thru 1N6622,U, US
1N6623,U, US & 1N6624,U, US
1N6625, U, US
IRM
IF=2A,
100A/
μ
3.5
4.2
5.0
A(pk)
MAXIMUM REVERSE RECOVERY TIME
1N6620, U, US thru 1N6622,U, US
1N6623,U, US & 1N6624,U, US
1N6625, U, US
Trr
IF=0.5A
IRM =1.0A
30
50
60
ns
FORWARD RECOVERY VOLTAGE
1N6620, U, US thru 1N6622,U, US
1N6623,U, US & 1N6624,U, US
1N6625, U, US
VFRM
IF=0.5A
tr=12ns
12
18
30
Volts
THERMAL RESISTANCE (Axial)
1N6620 thru 1N6625
R
θ
JL
L=.375
38
oC/W
THERMAL RESISTANCE (MELF)
1N6620U,US thru 1N6625U,US
R
θ
JC
L=0
20
oC/W


Similar Part No. - 1N6621U

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N6621U SENSITRON-1N6621U Datasheet
58Kb / 3P
   Ultrafast Recovery Rectifier
logo
Microsemi Corporation
1N6621US MICROSEMI-1N6621US Datasheet
99Kb / 2P
   ULTRA FAST RECTIFIERS
1N6621US MICROSEMI-1N6621US Datasheet
335Kb / 4P
   RECOVERY GLASS RECTIFIERS
logo
Sensitron
1N6621US SENSITRON-1N6621US Datasheet
58Kb / 3P
   Ultrafast Recovery Rectifier
More results

Similar Description - 1N6621U

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MUR3060 NJSEMI-MUR3060 Datasheet
71Kb / 2P
   Ultrafast Recovery Rectifier
MUR1650CT NJSEMI-MUR1650CT Datasheet
73Kb / 2P
   Ultrafast Recovery Rectifier
logo
Solid States Devices, I...
RC0138B SSDI-RC0138B_15 Datasheet
74Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER
logo
Inchange Semiconductor ...
DPG10I300PA ISC-DPG10I300PA Datasheet
293Kb / 2P
   Ultrafast Recovery Rectifier
MUR1540 ISC-MUR1540 Datasheet
85Kb / 2P
   Ultrafast Recovery Rectifier
STTH60L06C ISC-STTH60L06C Datasheet
277Kb / 2P
   Ultrafast Recovery Rectifier
STTH8L06FP ISC-STTH8L06FP Datasheet
280Kb / 2P
   Ultrafast Recovery Rectifier
logo
Rectron Semiconductor
MUR1680C RECTRON-MUR1680C Datasheet
124Kb / 5P
   ULTRAFAST RECOVERY RECTIFIER
logo
Inchange Semiconductor ...
RFVS8TJ6S ISC-RFVS8TJ6S Datasheet
279Kb / 2P
   Ultrafast Recovery Rectifier
MUR8100D ISC-MUR8100D Datasheet
302Kb / 2P
   Ultrafast Recovery Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com