Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYLS-0603BURC-5 Datasheet(PDF) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLS-0603BURC-5
Description  LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLS-0603BURC-5 Datasheet(HTML) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLS-0603BURC-5 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603BURC-5 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603BURC-5 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603BURC-5 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0603BURC-5 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LED LAMP
Unit:mm
sb
sb
L1
Desiccant
Antistatic
Bag
Zip-lock
Desiccant
Spec.
Spec.
Spec.
203.0.
198.0
PA
RT
NO
.
Q'
TY
(p
cs
)
Box Dimension(cm):30 * 19* 11.5
10 Reels per box
C/NO
G.
W
N.
W
ME
AS
:3
8*
31
*3
8C
M
KG
S
KG
S
CARTON
Dimension(cm):39*32*38
6boxs/carton
0603B/0603/0805:
4000pcs*10Reels*6boxs
0805B/1206B/12061210/1204:
3000pcs*10Reels*6boxs*
3528:2000pcs*10Reels*6boxs
5050:1000pcs*8Reels*6boxs
Packing and Shipping Spec.


Similar Part No. - FYLS-0603BURC-5

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-0603BURC-Z1 FORYARD-FYLS-0603BURC-Z1 Datasheet
499Kb / 8P
   SMD led lamp
More results

Similar Description - FYLS-0603BURC-5

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com