Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH110 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH110
Description  High voltage ultrafast rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH110 Datasheet(HTML) 5 Page - STMicroelectronics

  STTH110 Datasheet HTML 1Page - STMicroelectronics STTH110 Datasheet HTML 2Page - STMicroelectronics STTH110 Datasheet HTML 3Page - STMicroelectronics STTH110 Datasheet HTML 4Page - STMicroelectronics STTH110 Datasheet HTML 5Page - STMicroelectronics STTH110 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
STTH110
Ordering information
Doc ID 9344 Rev 2
5/6
3
Ordering information
4
Revision history
Table 8.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
STTH110
STTH110
DO-41
0.34 g
2000
Ammopack
STTH110A
H10
SMA
0.068 g
5000
Tape and reel
STTH110RL
STTH110
DO-41
0.34 g
5000
Tape and reel
Table 9.
Document revision history
Date
Revision
Changes
Jan-2003
1
Last update.
30-Sept-2009
2
Updated table 7 package dimensions.


Similar Part No. - STTH110

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH110 STMICROELECTRONICS-STTH110 Datasheet
46Kb / 5P
   HIGH VOLTAGE ULTRAFAST RECTIFIER
STTH110-Y STMICROELECTRONICS-STTH110-Y Datasheet
222Kb / 7P
   Negligible switching losses
February 2014 Rev 1
STTH110A STMICROELECTRONICS-STTH110A Datasheet
46Kb / 5P
   HIGH VOLTAGE ULTRAFAST RECTIFIER
STTH110A STMICROELECTRONICS-STTH110A Datasheet
489Kb / 6P
   Inrush current limiter for active AC-DC bridge rectifier
Rev 2 - September 2022
STTH110RL STMICROELECTRONICS-STTH110RL Datasheet
46Kb / 5P
   HIGH VOLTAGE ULTRAFAST RECTIFIER
More results

Similar Description - STTH110

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH112 STMICROELECTRONICS-STTH112_07 Datasheet
88Kb / 7P
   High voltage ultrafast rectifier
STTH310 STMICROELECTRONICS-STTH310_07 Datasheet
85Kb / 7P
   High voltage ultrafast rectifier
logo
Vishay Siliconix
UG8HT VISHAY-UG8HT Datasheet
144Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 12-Nov-07
UH5JT VISHAY-UH5JT_V01 Datasheet
120Kb / 4P
   High Voltage Ultrafast Rectifier
02-Oct-12
UH8JT VISHAY-UH8JT_V01 Datasheet
129Kb / 5P
   High Voltage Ultrafast Rectifier
02-Oct-12
logo
STMicroelectronics
STTH240F04 STMICROELECTRONICS-STTH240F04 Datasheet
305Kb / 9P
   Ultrafast high voltage rectifier
May 2015
STTH112 STMICROELECTRONICS-STTH112 Datasheet
60Kb / 6P
   HIGH VOLTAGE ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UGF8XT VISHAY-UGF8XT Datasheet
133Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 21-Aug-13
UG5JT VISHAY-UG5JT_07 Datasheet
143Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 09-Nov-07
UH10JT VISHAY-UH10JT Datasheet
130Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 25-Aug-08
UGFB5HT VISHAY-UGFB5HT Datasheet
134Kb / 5P
   High Voltage Ultrafast Rectifier
02-Oct-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com