Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSPRO2X2-V4YLS1C1A Datasheet(PDF) 3 Page - OptoSupply International

Part # OSPRO2X2-V4YLS1C1A
Description  PRODUCT SPECIFICATION FOR 12V UV Module Long life, easy installation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSPRO2X2-V4YLS1C1A Datasheet(HTML) 3 Page - OptoSupply International

  OSPRO2X2-V4YLS1C1A Datasheet HTML 1Page - OptoSupply International OSPRO2X2-V4YLS1C1A Datasheet HTML 2Page - OptoSupply International OSPRO2X2-V4YLS1C1A Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Product Circuit:
1
Model No.
OSPRO2X2-
VXYLS1C1A
REV.
C1


Similar Part No. - OSPRO2X2-V4YLS1C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSPRO2X2-VXXLS1C1A OPTOSUPPLY-OSPRO2X2-VXXLS1C1A Datasheet
60Kb / 3P
   Green light source, fast response
More results

Similar Description - OSPRO2X2-V4YLS1C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSMW12C60GP-XXXXZ2C1D-X OPTOSUPPLY-OSMW12C60GP-XXXXZ2C1D-X Datasheet
193Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module Long life, easy installation
OSG43305J-R1W4 OPTOSUPPLY-OSG43305J-R1W4 Datasheet
63Kb / 3P
   PRODUCT SPECIFICATION FOR G4 LED LIGHTING Module Long life, easy installation
OSMW02C04GX-XXX3ZXXXP-A OPTOSUPPLY-OSMW02C04GX-XXX3ZXXXP-A Datasheet
79Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Strip Long life, Easy Installation
OSMSRGB-C5 OPTOSUPPLY-OSMSRGB-C5 Datasheet
371Kb / 4P
   Long life, easy installation
OSWPXX OPTOSUPPLY-OSWPXX Datasheet
321Kb / 3P
   Long life, easy installation
OSWMXX OPTOSUPPLY-OSWMXX Datasheet
325Kb / 3P
   Long life, easy installation
OSCAXX OPTOSUPPLY-OSCAXX Datasheet
71Kb / 4P
   Long life, easy installation
OSCTXX OPTOSUPPLY-OSCTXX Datasheet
106Kb / 5P
   Long life, easy installation
OSMFXX-C5 OPTOSUPPLY-OSMFXX-C5 Datasheet
414Kb / 4P
   Long life, easy installation
OSBDXX OPTOSUPPLY-OSBDXX Datasheet
61Kb / 3P
   Long life, easy Installation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com