Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T630-800W Datasheet(PDF) 6 Page - STMicroelectronics

Part # T630-800W
Description  6 A Snubberless??Triac
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T630-800W Datasheet(HTML) 6 Page - STMicroelectronics

  T630-800W Datasheet HTML 1Page - STMicroelectronics T630-800W Datasheet HTML 2Page - STMicroelectronics T630-800W Datasheet HTML 3Page - STMicroelectronics T630-800W Datasheet HTML 4Page - STMicroelectronics T630-800W Datasheet HTML 5Page - STMicroelectronics T630-800W Datasheet HTML 6Page - STMicroelectronics T630-800W Datasheet HTML 7Page - STMicroelectronics T630-800W Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package information
T630W
6/8
Doc ID 3764 Rev 3
3
Package information
Epoxy meets UL94, V0
Cooling method: by conduction (C)
Recommended torque: 0.4 to 0.6 N·m
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 6.
ISOWATT220AB dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
B
2.50
2.70
0.098
0.106
D
2.50
2.75
0.098
0.108
E
0.40
0.70
0.016
0.028
F
0.75
1.00
0.030
0.039
F1
1.15
1.70
0.045
0.067
F2
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
G1
2.40
2.70
0.094
0.106
H
10.00
10.40
0.394
0.409
L2
16.00 typ.
0.630 typ.
L3
28.60
30.60
1.125
1.205
L4
9.80
10.60
0.386
0.417
L6
15.90
16.40
0.626
0.646
L7
9.00
9.30
0.354
0.366
Diam
3.00
3.20
0.118
0.126
H
A
B
Dia
L7
L6
F1
F2
F
D
E
L4
G1
G
L2
L3


Similar Part No. - T630-800W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T630-800W STMICROELECTRONICS-T630-800W Datasheet
63Kb / 5P
   6A SNUBBERLESTM TRIAC
More results

Similar Description - T630-800W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA06T-600CWRG STMICROELECTRONICS-BTA06T-600CWRG Datasheet
106Kb / 8P
   6 A Snubberless??Triac
June 2010 Rev 2
T635T-8FP STMICROELECTRONICS-T635T-8FP Datasheet
276Kb / 9P
   6 A Snubberless??Triac
January 2015 Rev 2
T630-600W STMICROELECTRONICS-T630-600W Datasheet
83Kb / 8P
   6 A Snubberless??Triac
T635T-8T STMICROELECTRONICS-T635T-8T Datasheet
272Kb / 9P
   6 A Snubberless??Triac
July 2014 Rev 3
T830-8FP STMICROELECTRONICS-T830-8FP Datasheet
105Kb / 9P
   8 A Snubberless Triac
T1635T-8I STMICROELECTRONICS-T1635T-8I Datasheet
186Kb / 10P
   Snubberless 16 A Triac
T835T-8FP STMICROELECTRONICS-T835T-8FP Datasheet
274Kb / 9P
   8 A Snubberless??Triac
January 2015 Rev 2
T1235T-8G STMICROELECTRONICS-T1235T-8G Datasheet
484Kb / 10P
   12 A Snubberless™ Triac
December 2017
T4050-6PF STMICROELECTRONICS-T4050-6PF Datasheet
218Kb / 11P
   40 A Snubberless™ Triac
DS12857 - Rev 1 - December 2018
T820-XXXW STMICROELECTRONICS-T820-XXXW Datasheet
108Kb / 5P
   SNUBBERLESS TRIAC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com