Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7429T13TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7429T13TR
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7429T13TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7429T13TR Datasheet HTML 5Page - STMicroelectronics TDA7429T13TR Datasheet HTML 6Page - STMicroelectronics TDA7429T13TR Datasheet HTML 7Page - STMicroelectronics TDA7429T13TR Datasheet HTML 8Page - STMicroelectronics TDA7429T13TR Datasheet HTML 9Page - STMicroelectronics TDA7429T13TR Datasheet HTML 10Page - STMicroelectronics TDA7429T13TR Datasheet HTML 11Page - STMicroelectronics TDA7429T13TR Datasheet HTML 12Page - STMicroelectronics TDA7429T13TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
9/22
TDA7429
3I2C BUS INTERFACE
Data transmission from microprocessor to the TDA7429 and viceversa takes place through the 2 wires I2C BUS
interface, consisting of the two lines SDA and SCL (pull-up resistors to positive supply voltage must be connect-
ed).
3.1 Data Validity
As shown in fig. 8, the data on the SDA line must be stable during the high period of the clock. The HIGH and
LOW state of the data line can only change when the clock signal on the SCL line is LOW.
3.2 Start and Stop Conditions
As shown in fig.9 a start condition is a HIGH to LOW transition of the SDA line while SCL is HIGH. The stop
condition is a LOW to HIGH transition of the SDA line while SCL is HIGH.
3.3 Byte Format
Every byte transferred on the SDA line must contain 8 bits. Each byte must be followed by an acknowledge bit.
The MSB is transferred first.
3.4 Acknowledge
The master (mP) puts a resistive HIGH level on the SDA line during the acknowledge clock pulse (see fig. 10).
The peripheral (audioprocessor) that acknowledges has to pull-down (LOW) the SDA line during this clock
pulse.
The audioprocessor which has been addressed has to generate an acknowledge after the reception of each
byte, otherwise the SDA line remains at the HIGH level during the ninth clock pulse time. In this case the master
transmitter can generate the STOP information in order to abort the transfer.
3.5 Transmission without Acknowledge
Avoiding to detect the acknowledge of the audioprocessor, the
µP can use a simpler transmission: simply it
waits one clock without checking the slave acknowledging, and sends the new data.
This approach of course is less protected from misworking.
BUS INPUTS
VIL
Input Low Voltage
1V
VIH
Input High Voltage
3
V
IIN
Input Current
-5
+5
mA
VO
Output Voltage SDA
Acknowledge
IO = 1.6mA
0.4
V
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit


Similar Part No. - TDA7429T13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7429T STMICROELECTRONICS-TDA7429T Datasheet
160Kb / 20P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
July 1999
More results

Similar Description - TDA7429T13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7429S STMICROELECTRONICS-TDA7429S Datasheet
160Kb / 20P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
July 1999
TDA7345 STMICROELECTRONICS-TDA7345 Datasheet
122Kb / 18P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
November 1999
TDA7430 STMICROELECTRONICS-TDA7430 Datasheet
168Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
September 1999
TDA7430 STMICROELECTRONICS-TDA7430_04 Datasheet
231Kb / 23P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
TDA7344 STMICROELECTRONICS-TDA7344 Datasheet
201Kb / 20P
   DIGITAL CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
STMicroelectronics
TDA7466 STMICROELECTRONICS-TDA7466_03 Datasheet
345Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
September 2003
TDA7464 STMICROELECTRONICS-TDA7464 Datasheet
174Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
TDA7465 STMICROELECTRONICS-TDA7465 Datasheet
179Kb / 20P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
TDA7466 STMICROELECTRONICS-TDA7466 Datasheet
183Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com