Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SO18W Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # SO18W
Description  FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

SO18W Datasheet(HTML) 4 Page - IC-Haus GmbH

  SO18W Datasheet HTML 1Page - IC-Haus GmbH SO18W Datasheet HTML 2Page - IC-Haus GmbH SO18W Datasheet HTML 3Page - IC-Haus GmbH SO18W Datasheet HTML 4Page - IC-Haus GmbH SO18W Datasheet HTML 5Page - IC-Haus GmbH SO18W Datasheet HTML 6Page - IC-Haus GmbH SO18W Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
iC-BM FOUR-CHANNEL
FOUR-QUADRANT ANALOG MULTIPLIER
Rev A2, Page 4/7
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VCC
Positive Power Supply
7
V
G002 VEE
Negative Power Supply
-7
V
G003 V()
Voltage at Pins X1...4, Y1...4 and W1...4
-7
7
V
G004 Tj
Chip Temperature
-40
150
°C
G005 Ts
Storage Temperature
-40
150
°C
THERMAL DATA
Operating Conditions: VCC = 5 V ±0.25 V , VEE = -5 V ±0.25 V, Tj = -40...100 °C, RL = 2 kΩ, if not other specified
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range
-40
85
°C
T02
Rthja
Thermal Resistance Chip/Ambient
68
K/W
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.


Similar Part No. - SO18W

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SO1020M100S SCHNEIDER-SO1020M100S Datasheet
125Kb / 2P
   Homeline All In One combination service entrance device, ringed socket, no bypass, OH, 100 A, 10 kA, 10 spaces
SO1020VP SCHNEIDER-SO1020VP Datasheet
122Kb / 2P
   ALL-IN-ONE RING T-SURFACE OH 100A VALUE PAC
logo
Lumins Inc.
SO10B LUMINIS-SO10B Datasheet
49Kb / 1P
   Bollard
logo
AUK corp
SO1316 AUK-SO1316 Datasheet
295Kb / 4P
   Chip LED Lamp
logo
KODENSHI_AUK CORP.
SO1316 KODENSHI-SO1316 Datasheet
202Kb / 4P
   CHip LED
More results

Similar Description - SO18W

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MLT04 AD-MLT04 Datasheet
428Kb / 12P
   Four-Channel, Four-Quadrant Analog Multiplier
REV. B
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM_11 Datasheet
332Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Intersil Corporation
ICL8013 INTERSIL-ICL8013 Datasheet
132Kb / 8P
   1MHz, Four Quadrant Analog Multiplier
ICL8013 INTERSIL-ICL8013_00 Datasheet
726Kb / 8P
   1MHz, Four Quadrant Analog Multiplier
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Intersil Corporation
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
   130MHz, Four Quadrant, Current Output Analog Multiplier
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
   Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com