Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1160 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SA1160
Description  Strobe Flash Applications Medium Power Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1160 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SA1160 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1160 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1160 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1160 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1160
2009-12-21
3
Collector-emitter voltage VCE (V)
IC – VCE
IC – VBE
Base-emitter voltage VBE (V)
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Collector-emitter voltage VCE (V)
Safe Operating Area
Ambient temperature Ta (°C)
PC – Ta
Common emitter
Ta
= 25°C
0
0
−4
−1
IB = −1 mA
−2
−3
−0.8
−1.6
−2.4
−50
0
−30
−20
−100
−4.0
−5
−10
−3
−2
−3.2
Common emitter
VCE = −1 V
0
0
−4
−1
Ta
= 100°C
−2
−3
−0.4
−0.8
−1.2
−1.6
−2.0
25
−25
1.6
0
0
40
80
120
160
0.4
0.8
1.2
200
−0.01
3000
30
Ta
= 100°C
100
300
1000
−0.03
−0.1
−0.3
−1
−3
25
−25
−5
Common emitter
VCE = −1 V
−3
−0.05
−0.5
−0.1
−0.3
−0.1
−0. 3
−1
−3
−10
−30
VCEO max
10 ms**
100 ms*
−1
−5
−10
IC max (continuous)
IC max (pulsed)*
DC operation
Ta
= 25°C
−1
−0.01
−0.5
−0.03
−0.05
−0.1
−0.3
−0.01
−0.03
−0.1
−0.3
−1
−5
Ta
= 100°C
−25
25
Common emitter
IC/IB = 40
−3
*: Single nonrepetitive
pulse Ta = 25°C
**: Pulse width ≤ 10 ms(max)
Duty cycle ≤ 30%
Ta = 25°C
Curves must be derated
linearly with increase in
temperature.


Similar Part No. - 2SA1160

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1160 TOSHIBA-2SA1160 Datasheet
153Kb / 2P
   TRANSISTOR (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
logo
TRANSYS Electronics Lim...
2SA1160 TEL-2SA1160 Datasheet
64Kb / 1P
   Plastic-Encapsulated Transistors
logo
Toshiba Semiconductor
2SA1160 TOSHIBA-2SA1160 Datasheet
150Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
logo
SHENZHEN YONGERJIA INDU...
2SA1160 WINNERJOIN-2SA1160 Datasheet
131Kb / 1P
   TRANSISTOR (PNP)
logo
Foshan Blue Rocket Elec...
2SA1160 FOSHAN-2SA1160 Datasheet
844Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package
More results

Similar Description - 2SA1160

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4683 TOSHIBA-2SC4683 Datasheet
184Kb / 3P
   STROBE FLASH APPLICATIONS MEDIUM POWER AMPLIFIER APPLICATIONS
2SA1160 TOSHIBA-2SA1160_07 Datasheet
150Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242_07 Datasheet
158Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4684 TOSHIBA-2SC4684_05 Datasheet
162Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4685 TOSHIBA-2SC4685_04 Datasheet
131Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4681 TOSHIBA-2SC4681_05 Datasheet
121Kb / 3P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC3072 TOSHIBA-2SC3072_05 Datasheet
161Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1431 TOSHIBA-2SA1431_06 Datasheet
142Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242_10 Datasheet
161Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC3670 TOSHIBA-2SC3670_04 Datasheet
125Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com